Moteur de recherche de fiches techniques de composants électroniques |
|
SMZJ3798B Fiches technique(PDF) 2 Page - General Semiconductor |
|
SMZJ3798B Fiches technique(HTML) 2 Page - General Semiconductor |
2 / 2 page 25 50 75 100 125 150 175 0 0.5 1.0 1.5 2.0 0.5 1 10 100 500 1 10 100 1,000 100 2 10 100 200 100 10 100 10 10 RATINGS AND CHARACTERISTIC CURVES SMZG,J3789 THRU SMZG,J3809B FIG. 1 - MAXIMUM CONTINUOUS POWER DISSIPATION TL, LEAD TEMPERATURE, °C FIG. 2 - TYPICAL ZENER IMPEDANCE IZ, ZENER TEST CURRENT mA FIG. 3 - TYPICAL ZENER IMPEDANCE FIG. 4 - TYPICAL TEMPERATURE COEFFICIENTS VZ, ZENER VOLTAGE, VOLTS 60 HZ RESISTIVE OR INDUCTIVE LOAD VZ, ZENER VOLTAGE, VOLTS TJ=25°C IZ (rms)=0.1 IZ (DC) VZ=22V TESTED AT RATED IZT VZ=10V VZ=62V IZ=1mA IZ(rms)=0.1IZ (DC) 10 mA 20 mA P.C B. MOUNTED ON 0.31 x 0.31 x 0.08” (8 x 8 x 2mm) COPPER AREAS PADS |
Numéro de pièce similaire - SMZJ3798B |
|
Description similaire - SMZJ3798B |