Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC1175CIMTCX Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce ADC1175CIMTCX
Description  8-Bit, 20MHz, 60mW A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC1175CIMTCX Fiches technique(HTML) 10 Page - Texas Instruments

Back Button ADC1175CIMTCX Datasheet HTML 6Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 7Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 8Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 9Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 10Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 11Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 12Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 13Page - Texas Instruments ADC1175CIMTCX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
ADC1175
SNAS012H – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
SINAD/ENOB vs. Temp
SINAD/ENOB vs. Temp
Figure 9.
Figure 10.
SINAD and ENOB vs. Clock Duty Cycle
SFDR vs. Temp and fIN
Figure 11.
Figure 12.
SFDR vs. Temp and fIN
Differential Gain vs. Temperature
Figure 13.
Figure 14.
10
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC1175


Numéro de pièce similaire - ADC1175CIMTCX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC1175CIMTCX NSC-ADC1175CIMTCX Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
More results

Description similaire - ADC1175CIMTCX

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC1175 NSC-ADC1175 Datasheet
547Kb / 19P
   8-Bit, 20MHz, 60mW A/D Converter
logo
List of Unclassifed Man...
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Fujitsu Component Limit...
MB40C568 FUJITSU-MB40C568 Datasheet
162Kb / 12P
   A/D Converter (1-channel, 8-bit, 20MHz)
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
ADS-325A MURATA-PS-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
C&D Technologies
ADS-325A CANDD-ADS-325A Datasheet
145Kb / 8P
   10-Bit, 20MHz Sampling A/D Converter
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com