Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC10731 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce ADC10731
Description  10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10731 Fiches technique(HTML) 1 Page - Texas Instruments

  ADC10731 Datasheet HTML 1Page - Texas Instruments ADC10731 Datasheet HTML 2Page - Texas Instruments ADC10731 Datasheet HTML 3Page - Texas Instruments ADC10731 Datasheet HTML 4Page - Texas Instruments ADC10731 Datasheet HTML 5Page - Texas Instruments ADC10731 Datasheet HTML 6Page - Texas Instruments ADC10731 Datasheet HTML 7Page - Texas Instruments ADC10731 Datasheet HTML 8Page - Texas Instruments ADC10731 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ADC10731, ADC10732, ADC10734, ADC10738
www.ti.com
SNAS081D – MAY 1999 – REVISED MARCH 2013
ADC10731/ADC10732/ADC10734/ADC10738 10-Bit Plus Sign Serial I/O A/D Converters
with Mux, Sample/Hold and Reference
Check for Samples: ADC10731, ADC10732, ADC10734, ADC10738
1
FEATURES
DESCRIPTION
The ADC10731, ADC10732 and ADC10734 are
2
0V to Analog Supply Input Range
obsolete or on lifetime buy and included for
Serial I/O (MICROWIRE Compatible)
reference only.
Software or Hardware Power Down
This series of CMOS 10-bit plus sign successive
Analog Input Sample/Hold Function
approximation
A/D
converters
features
versatile
Ratiometric or Absolute Voltage Referencing
analog input multiplexers, sample/hold and a 2.5V
band-gap reference. The 1-, 2-, 4-, or 8-channel
No Zero or Full Scale Adjustment Required
multiplexers can be software configured for single-
No Missing Codes Over Temperature
ended or differential mode of operation.
TTL/CMOS Input/Output Compatible
An input sample/hold is implemented by a capacitive
reference ladder and sampled-data comparator. This
APPLICATIONS
allows the analog input to vary during the A/D
Medical Instruments
conversion cycle.
Portable and Remote Instrumentation
In the differential mode, valid outputs are obtained
even when the negative inputs are greater than the
Test Equipment
positive because of the 10-bit plus sign output data
format.
KEY SPECIFICATIONS
The serial I/O is configured to comply with the
Resolution 10 Bits Plus Sign
MICROWIRE serial data exchange standard for easy
Single Supply 5 V
interface
to
the
COPS
and
HPC
families
of
Power Consumption 37 mW (Max)
controllers, and can easily interface with standard
shift registers and microprocessors.
In Power Down Mode 18
μW
Conversion Time 5
μs (Max)
Sampling Rate 74 kHz (Max)
Band-Gap Reference 2.5V ±2% (Max)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - ADC10731

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
ADC10731 NSC-ADC10731 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
Texas Instruments
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731CIWM NSC-ADC10731CIWM Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
ADC10731CIWM NSC-ADC10731CIWM Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
More results

Description similaire - ADC10731

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC10831 NSC-ADC10831 Datasheet
453Kb / 30P
   10-Bit Plus Sign Serial I/O A/D Converters with MUX, Sample/Hold and Reference
logo
Texas Instruments
ADC10731 TI1-ADC10731 Datasheet
1Mb / 33P
[Old version datasheet]   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
logo
National Semiconductor ...
ADC10731 NSC-ADC10731_06 Datasheet
1Mb / 29P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux, Sample/Hold and Reference
ADC12030 NSC-ADC12030_07 Datasheet
1Mb / 44P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12H030 NSC-ADC12H030 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
ADC12130 NSC-ADC12130_06 Datasheet
1Mb / 42P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12030 TI1-ADC12030_14 Datasheet
2Mb / 53P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC12130 NSC-ADC12130 Datasheet
1Mb / 41P
   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
Texas Instruments
ADC12130 TI1-ADC12130 Datasheet
2Mb / 51P
[Old version datasheet]   Self-Calibrating 12-Bit Plus Sign Serial I/O A/D Converters with MUX and Sample/Hold
logo
National Semiconductor ...
ADC10731 NSC-ADC10731 Datasheet
556Kb / 27P
   10-Bit Plus Sign Serial I/O A/D Converters with Mux,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com