Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM6T18AYCAY Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce SM6T18AYCAY
Description  Automotive 600 W Transil
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T18AYCAY Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button SM6T18AYCAY Datasheet HTML 4Page - STMicroelectronics SM6T18AYCAY Datasheet HTML 5Page - STMicroelectronics SM6T18AYCAY Datasheet HTML 6Page - STMicroelectronics SM6T18AYCAY Datasheet HTML 7Page - STMicroelectronics SM6T18AYCAY Datasheet HTML 8Page - STMicroelectronics SM6T18AYCAY Datasheet HTML 9Page - STMicroelectronics SM6T18AYCAY Datasheet HTML 10Page - STMicroelectronics SM6T18AYCAY Datasheet HTML 11Page - STMicroelectronics SM6T18AYCAY Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application and design guidelines
SM6TY
8/12
Doc ID 17741 Rev 3
2
Application and design guidelines
More information is available in the ST Application note AN2689 “Protection of automotive
electronics from electrical hazards, guidelines for design and component selection”.
3
Ordering information scheme
Figure 16.
Ordering information scheme
SM
6 T XX
CA Y
Surface mount
Peak pulse power
Breakdown voltage
Types
Automotive grade
6 = 600 W Transil in SMB
30 = 30 V
CA = Bidirectional
A = Unidirectional


Numéro de pièce similaire - SM6T18AYCAY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SM6T18AY STMICROELECTRONICS-SM6T18AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T18AY STMICROELECTRONICS-SM6T18AY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T18AY STMICROELECTRONICS-SM6T18AY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T18AY STMICROELECTRONICS-SM6T18AY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T18AY/CAY STMICROELECTRONICS-SM6T18AY/CAY Datasheet
155Kb / 11P
   Automotive 600 W Transil
More results

Description similaire - SM6T18AYCAY

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SM6T6V8CAY STMICROELECTRONICS-SM6T6V8CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil
SM6T36CAY STMICROELECTRONICS-SM6T36CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
SM6T68CAY STMICROELECTRONICS-SM6T68CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T56CAY STMICROELECTRONICS-SM6T56CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SM6T39CAY STMICROELECTRONICS-SM6T39CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6TY STMICROELECTRONICS-SM6TY Datasheet
155Kb / 11P
   Automotive 600 W Transil
SM6T250CAY STMICROELECTRONICS-SM6T250CAY Datasheet
238Kb / 9P
   Automotive 600 W Transil
SM6T33CAY STMICROELECTRONICS-SM6T33CAY Datasheet
217Kb / 12P
   Automotive 600 W Transil?
SM6T22CAY STMICROELECTRONICS-SM6T22CAY Datasheet
992Kb / 12P
   Automotive 600 W Transil
SMA6T15CAY STMICROELECTRONICS-SMA6T15CAY Datasheet
331Kb / 11P
   Automotive 600 W Transil in SMA package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com