Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA42031-E Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LA42031-E
Description  5W Monaural Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42031-E Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LA42031-E Datasheet HTML 1Page - Sanyo Semicon Device LA42031-E Datasheet HTML 2Page - Sanyo Semicon Device LA42031-E Datasheet HTML 3Page - Sanyo Semicon Device LA42031-E Datasheet HTML 4Page - Sanyo Semicon Device LA42031-E Datasheet HTML 5Page - Sanyo Semicon Device LA42031-E Datasheet HTML 6Page - Sanyo Semicon Device LA42031-E Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LA42031
No.A0394-4/7
External Components
C1
: The input coupling capacitors, for which 4.7
μF or less is recommended. LA42031 employs the zero-bias type
input circuit, with the input pin potential being nearly zero (about 0.01V). Accordingly, the polarity must be
determined according to the DC potential of a circuit connected to the previous stage of LA42031.
C2
: Capacitor for starting time of the ripple filter and amplifier, for which 47
μF is recommended.
C3, R1
: Capacitor and resistor for mute. C3 is necessary even when the mute function is not used.
C4
: Power capacitor.
C5, C6
: Capacitor and resistor for oscillation prevention. For C5, C6, the polyester film capacitor with superior
R2, R3
temperature characteristics (Mylar capacitor) is recommended. Use R2, R3 of 2.2
Ω along with the capacitor.
1. Mute function (pin 6)
With the pin 6 voltage of 1.7V (minimum) or more, the mute function is turned ON.
Set the VM application voltage so that the pin 6 voltage becomes. 1.7V or more.
The mute time constant is determined by R1 and C3. Determine the constant after careful review because it is related
to the pop sound at mute ON/OFF.
C3 is necessary even when the mute function is not used because it is related to the pop sound when the amplifier is
turned ON.
Note that the MUTE pin (pin 6) incorporates the anti-static
diodo and that decrease of the VCC pin 7 potential below that of
pin 6 causes the current to flow through the diode.
2. Standby function (pin 5)
The amplifier is turned ON when the voltage of 2.5V (minimum) or more is applied to pin 5.
Pin 5 control voltage
Pin 5 voltage
Amplifier
Standby
0 to 0.5
OFF
ON
2.5 to 15
ON
OFF
To suppress the inrush current to pin 5 when the VSTB
application voltage is high, insert the control resistor (RSTB).
Example : Tosuppress the pin 5 inrush current to 500
μA or less
RSTB =
Applied voltage (VSTB) -2VBE (About 1.4V)
500
μA
-15k
Ω
Note that the standby pin (pin 5) incorporates the anti-electrostatic diode, allowing the cu orrent to flow through the
diode when the potential of VCC pin 7 decreases below that of pin 5.
Mute
Standby
+
6
C3
10
μF
R1
2k
Ω
2k
Ω
VCC
VM
20k
Ω
5
RSTB
1.5k
Ω
15k
Ω
VCC
2VBE
VS
30k
Ω


Numéro de pièce similaire - LA42031-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
More results

Description similaire - LA42031-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
LA4815M SANYO-LA4815M Datasheet
153Kb / 14P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH_12 Datasheet
249Kb / 15P
   Monaural Power Amplifier
LA4815VH SANYO-LA4815VH Datasheet
159Kb / 15P
   Monaural Power Amplifier
logo
ON Semiconductor
LA4815VH ONSEMI-LA4815VH Datasheet
264Kb / 15P
   Monaural Power Amplifier
May, 2013
logo
Sanyo Semicon Device
LA4815M SANYO-LA4815M_10 Datasheet
258Kb / 14P
   Monaural Power Amplifier
LV4991M SANYO-LV4991M Datasheet
173Kb / 11P
   Monaural BTL Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
logo
Sony Corporation
CXA1622M SONY-CXA1622M Datasheet
215Kb / 13P
   Stereo Power Amplifier/Monaural BTL Power Amplifier
logo
ON Semiconductor
ENA2011A ONSEMI-ENA2011A Datasheet
371Kb / 8P
   5W Power Amplifier
June, 2013
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com