Moteur de recherche de fiches techniques de composants électroniques |
|
ST7-DRAIS Fiches technique(PDF) 3 Page - STMicroelectronics |
|
ST7-DRAIS Fiches technique(HTML) 3 Page - STMicroelectronics |
3 / 6 page STM8-SK/RAIS STM8-D/RAIS ST7-SK/RAIS ST7-D/RAIS REva starter kits Doc ID 11271 Rev 6 3/6 REva starter kits REva boards can be purchased in the starter kit format, as shown in Table 1. REva standalone daughterboards are also available independently from STMicroelectronics, as shown in Table 2. Table 1. Raisonance starter kits for the STM8 and ST7 Starter kit (order code) Daughterboard ID marking Additional features(1) MCU family supported MCU device MCU package STM8/128-SK/RAIS STM8S105 STM8S103/5 STM8S105C6 LQFP48 STM8S208RB STM8S207/8 STM8S208RB LQFP64 STM8S903 STM8S903 STM8S903K3 LQFP32 ST7FLITE-SK/RAIS ST7LITEU0 ST7Ultralite0 ST7FLITEU0 DIP16 ST7LITE0 ST7FLITE0 ST7FLITE09Y0 SO16 ST7LITE1B ST7FLIT1xB ST7FLIT19BF1 SO20 ST7LITE3 ST7FLITE3 ST7FLITE39F2 SO20 ST7232X-SK/RAIS ST72321B ST72321 ST72F321BAR9 LQFP64 ST72325 ST72324/5 ST72F325AR9 LQFP64 ST72F34X-SK/RAIS ST72345 ST7234x ST72F345C4 LQFP48 ST72264 ST7226x ST72F264G2 S028 ST2F36X-SK/RAIS ST72361 ST72361 ST7256X ST72F361AR9 LQFP64 ST2F63B-SK/RAIS ST7263B Clock source selection jumper USB mini-B connector 24 MHz oscillator ST7260 ST7263B ST72F63BH6 LQFP48 1. All kits have a clock source selection jumper, and an oscillator footprint unless stated otherwise. |
Numéro de pièce similaire - ST7-DRAIS |
|
Description similaire - ST7-DRAIS |