Moteur de recherche de fiches techniques de composants électroniques |
|
TLC3578IPWRG4 Fiches technique(PDF) 9 Page - Texas Instruments |
|
TLC3578IPWRG4 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 50 page TLC3574, TLC3578, TLC2574, TLC2578 5V ANALOG, 3/5V DIGITAL, 14/12BIT, 200KSPS, 4/8CHANNEL SERIAL ANALOGTODIGITAL CONVERTERS WITH ±10V INPUTS SLAS262C − OCTOBER 2000 − REVISED MAY 2003 9 WWW.TI.COM TLC3574I N package device AC/DC performance PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT DC Accuracy—Normal Long Sampling EL Integral linearity error See Note 3 −1.5 ±1 1.5 LSB ED Differential linearity error −1 ±0.8 1.5 LSB EO Bipolar zero error See Note 4 −0.30 ±0.08 0.36 %FS EFS(+) Positive full scale error See Note 4 −0.55 ±0.04 0.61 %FS EFS(−) Negative full scale error See Note 4 −0.30 ±0.13 0.79 %FS DC Accuracy—Normal Short Sampling EL Integral linearity error See Note 3 ±1.8 LSB ED Differential linearity error ±0.8 LSB EO Bipolar zero error See Note 4 ±0.08 %FS EFS(+) Positive full-scale error See Note 4 ±0.04 %FS EFS(−) Negative full-scale error See Note 4 ±0.13 %FS AC Accuracy (see Note 3)—Normal Long Sampling SINAD Signal-to-noise ratio + distortion fi = 20 kHz 75 78 dB SINAD Signal-to-noise ratio + distortion fi = 100 kHz 75 dB THD Total harmonic distortion fi = 20 kHz −82 −77 dB THD Total harmonic distortion fi = 100 kHz −75 dB SNR Signal-to-noise ratio fi = 20 kHz 78 80 dB SNR Signal-to-noise ratio fi = 100 kHz 76 dB ENOB Effective number of bits fi = 20 kHz 12.2 12.7 Bits ENOB Effective number of bits fi = 100 kHz 12.2 Bits SFDR Spurious free dynamic range fi = 20 kHz 78 83 dB SFDR Spurious free dynamic range fi = 100 kHz 75 dB Channel-to-channel isolation Fixed channel in conversion mode 00, fi = 35 kHz, See Notes 2 and 5 81 dB Analog input bandwidth Full power bandwidth, −3 dB 1 MHz Analog input bandwidth Full power bandwidth, −1 dB 700 kHz † All typical values are at TA = 25°C. NOTES: 2. This is for a fixed channel in conversion mode 00 or 01. When switching the channels, additional multiplexer setting time is required to overcome the memory effect of the charge redistribution DAC. 3. Linear error is the maximum deviation from the best fit straight line through the A/D transfer characteristics. 4. Bipolar zero error is the difference between 10000000000000 and the converted output for zero input voltage; positive full-scale error is the difference between 11111111111111 and the converted output for positive full-scale input voltage (10 V); negative full-scale error is the difference between 00000000000000 and the converted output for negative full-scale input voltage (−10 V). 5. It is measured by applying a full-scale of 35 kHz signal to other channels and determining how much the signal is attenuated in the channel of interest. The converter samples this examined channel continuously. The channel-to-channel isolation is degraded if the converter samples different channels alternately. |
Numéro de pièce similaire - TLC3578IPWRG4 |
|
Description similaire - TLC3578IPWRG4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |