Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC1541INE4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TLC1541INE4
Description  10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1541INE4 Fiches technique(HTML) 1 Page - Texas Instruments

  TLC1541INE4 Datasheet HTML 1Page - Texas Instruments TLC1541INE4 Datasheet HTML 2Page - Texas Instruments TLC1541INE4 Datasheet HTML 3Page - Texas Instruments TLC1541INE4 Datasheet HTML 4Page - Texas Instruments TLC1541INE4 Datasheet HTML 5Page - Texas Instruments TLC1541INE4 Datasheet HTML 6Page - Texas Instruments TLC1541INE4 Datasheet HTML 7Page - Texas Instruments TLC1541INE4 Datasheet HTML 8Page - Texas Instruments TLC1541INE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLC1541
10-BIT ANALOG-TO-DIGITAL CONVERTER
WITH SERIAL CONTROL AND 11 INPUTS
SLAS073C – DECEMBER 1995 – REVISED AUGUST 1996
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 10-Bit Resolution A/D Converter
D Microprocessor Peripheral or Standalone
Operation
D On-Chip 12-Channel Analog Multiplexer
D Built-In Self-Test Mode
D Software-Controllable Sample-and-Hold
Function
D Total Unadjusted Error... ±1 LSB Max
D Pinout and Control Signals Compatible
With TLC540 and TLC549 Families of 8-Bit
A/D Converters
D CMOS Technology
PARAMETER
VALUE
Channel Acquisition Sample Time
Conversion Time (Max)
Samples Per Second (Max)
Power Dissipation (Max)
5.5
µs
21
µs
32
× 103
6 mW
description
The TLC1541 is a CMOS A/D converter built
around a 10-bit switched-capacitor successive-
approximation A/D converter. The device is
designed for serial interface to a microprocessor
or peripheral using a 3-state output with up to four
control inputs ( including independent SYSTEM
CLOCK, I/O CLOCK, chip select [CS], and
ADDRESS INPUT ). A 2.1-MHz system clock for
the TLC1541, with a design that includes
simultaneous read/write operation, allows high-
speed data transfers and sample rates up to
32 258 samples per second. In addition to the
high-speed converter and versatile control logic,
there is an on-chip, 12-channel analog multiplexer
that can be used to sample any one of 11 inputs
or an internal self-test voltage and a sample-and-
hold function that operates automatically.
AVAILABLE OPTIONS
PACKAGE
TA
SMALL
OUTLINE
(DW)
PLASTIC CHIP
CARRIER
(FN)
PLASTIC
DIP
(N)
0
°C to 70°C
TLC1541CDW
TLC1541CFN
TLC1541CN
–40
°C to 85°C
TLC1541IDW
TLC1541IFN
TLC1541IN
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
INPUT A0
INPUT A1
INPUT A2
INPUT A3
INPUT A4
INPUT A5
INPUT A6
INPUT A7
INPUT A8
GND
VCC
SYSTEM CLOCK
I/O CLOCK
ADDRESS INPUT
DATA OUT
CS
REF +
REF –
INPUT A10
INPUT A9
DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
I/O CLOCK
ADDRESS INPUT
DATA OUT
CS
REF +
INPUT A3
INPUT A4
INPUT A5
INPUT A6
INPUT A7
FN PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1996, Texas Instruments Incorporated


Numéro de pièce similaire - TLC1541INE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC1541IN TI-TLC1541IN Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
More results

Description similaire - TLC1541INE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC2543-EP TI-TLC2543-EP Datasheet
387Kb / 25P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542C TI-TLC1542C Datasheet
424Kb / 27P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542I TI1-TLC1542I_14 Datasheet
1Mb / 34P
[Old version datasheet]    10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543 TI-TLV1543 Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543C TI-TLV1543C Datasheet
295Kb / 18P
[Old version datasheet]   3.3-V 10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com