Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC1550IDWRG4 Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TLC1550IDWRG4
Description  Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1550IDWRG4 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TLC1550IDWRG4 Datasheet HTML 4Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 5Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 6Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 7Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 8Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 9Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 10Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 11Page - Texas Instruments TLC1550IDWRG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TLC1550I, TLC1550M, TLC1551I
10BIT ANALOGTODIGITAL CONVERTERS
WITH PARALLEL OUTPUTS
SLAS043G − MAY 1991 − REVISED NOVEMBER 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
simplified analog input analysis
Using the circuit in Figure 2, the time required to charge the analog input capacitance from 0 to VS within 1/2
LSB can be derived as follows:
The capacitance charging voltage is given by
(1)
Where:
Rt = Rs + ri
V
C +
V
S
1−e
–tc RtCi
The final voltage to 1/2 LSB is given by
(2)
VC (1/2 LSB) = VS − (VS/1024)
Equating equation 1 to equation 2 and solving for time t c gives
(3)
and
t c (1/2 LSB) = Rt × Ci × ln(1024)
(4)
V
S *
V
S
512
+ V
S
1– e
–tc RtCi
Therefore, with the values given, the time for the analog input signal to settle is
(5)
t c (1/2 LSB) = (Rs + 1 kΩ) × 60 pF × ln(1024)
This time must be less than the converter sample time shown in the timing diagrams.
Rs
ri
VS
VC
Ci
50 pF MAX
1 k
Ω MAX
Driving Source†
TLC1550/1
VI
VI = Input voltage at AIN
VS = External driving source voltage
Rs = Source resistance
ri = Input resistance
Ci = Input capacitance
† Driving source requirements:
• Noise and distortion for the source must be equivalent to the resolution of the converter.
• Rs must be real at the input frequency.
Figure 2. Input Circuit Including the Driving Source


Numéro de pièce similaire - TLC1550IDWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC1550IDWRG4 TI-TLC1550IDWRG4 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
More results

Description similaire - TLC1550IDWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
   Total power dissipation: max. 500 mW
logo
NXP Semiconductors
PDZ-B NXP-PDZ-B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
   High power dissipation (830 mW)
2001 Nov 19
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
logo
First Components Intern...
MPSA44 FCI-MPSA44 Datasheet
185Kb / 2P
   Power Dissipation Pcm= 625 mW (Ta=25C)
logo
List of Unclassifed Man...
4CX300Y ETC2-4CX300Y Datasheet
99Kb / 1P
   Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt
logo
Vishay Siliconix
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
Rev. 1.2. 29-Nov-16
logo
Texas Instruments
TLV2731IDBVR TI-TLV2731IDBVR Datasheet
818Kb / 31P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231 TI1-TLV2231_08 Datasheet
767Kb / 30P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
logo
Inchange Semiconductor ...
2SA679 ISC-2SA679 Datasheet
82Kb / 2P
   High Power Dissipation-: PC= 100W(Max.)@TC=25C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com