Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M4S-012 Fiches technique(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

No de pièce M4S-012
Description  DIL Pitch Terminals .High Sensitivity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Site Internet  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

M4S-012 Fiches technique(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  M4S-012 Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrostatic capacitance
Between open Contacts
Approx.0.7pF
Item 4.41 of IEC
Between coil & Contacts
Approx.1.0pF
Item 4.41 of IEC
Between Contact Poles
Approx.0.9pF
Item 4.41 of IEC
Insulation Resistance
Dielectric Strength
61810-7
61810-7
61810-7
Dimensions
mm/inch
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Between open Contacts
1000VAC 1min
Item 6 of IEC
Between coil & Contacts
1000VAC 1min
Item 6 of IEC
61810-5
61810-5
Between Contact Poles
1000VAC 1min
Item 6 of IEC 61810-5
Surge Withstand Voltage
Between open Contacts
1500V
FCC68
Between coil & Contacts
1500V
FCC68
Between Contact Poles
1500V
FCC68
Shock resistance
2
Functional:100m/s 11ms;
2
Survival:1000 m/s 6ms
IEC68-2-27 Test Ea
Vibration resistance
10~55Hz Double amplitude
Functional
:1.5mm Survival:5mm
IEC68-2-6 Test Fc
Terminals strength
5N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Temperature Range
Mass
4.5g
Safety approval
UL&CUR
Load
2A,3A/30VDC 0.6A/125VAC
Mounting (Bottom view)
42
M4S
Characteristics
-40~90
(-40~194
F)
(-40~80
for 0.3W Coil)
Safety approvals
1000M
min (at 500VDC)
Item 7 of IEC 61810-5
0.1
0.031
2.54
Tolerance:
0.1/
0.004
8- 0.8
Dimensions
Wiring diagram
(Bottom view)
1
4
6
13
9
11
8
16
20.0
9.8
12.0
1 Part number
M4S
3 Enclosure
H: Sealed Type
2 Coil rated voltage
DC:3:3V
5:5V
6:6V
9:9V
4 Nominal coil power
Nil:0.15W
A:0.2W
12:12V
18:18V
24:24V
48:48V
5 Contact material
W: AgNi
Dash
numbers
Coil voltage
VDC
Coil
resistance
10%
Operate
Time
ms
Release
Time
ms
Coil Parameter
Contact Arrangement
2C DPDT(B-M)
Contact Material
AgNi(Gold clad
Contact Rating (resistive)
1mA/10mV to 2A,3A/30VDC; 0.6A/125VAC
Max. Switching Power
90W
125VA
Min. Switching load 1mA/10mV
Reference Value
Max. Switching Voltage
220VDC 250VAC
Max. Switching Current:3A
Contact Resistance or
Voltage drop
Rated
Max
Pick up voltage
VDC(max)
(70% of rated voltage )
Release voltage
VDC(min)
(5% or 10% of
rated voltage)
Coil
power
W
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only, and are not to be used as design criteria.
CAUTION:
Relays previously tested or used above 10mA resistive at 6VDC maximum or peak AC open circuit are not
recommended for subsequent use in low level applications.
100m
Item 4.12 of IEC 61810-7
M4S-003
3
7.5
60
2.1
0.15
0.15
M4S-005
5
12.5
167
3.5
0.25
0.15
M4S-006
6
15.0
240
4.2
0.3
0.15
M4S-009
9
22.5
540
6.3
0.45
0.15
M4S-012
12
30.0
960
8.4
0.6
0.15
M4S-018
18
40.0
1620
12.6
0.9
0.20
M4S-024
24
52.9
2880
16.8
1.2
0.20
M4S-048
48
84.9
7680
33.6
2.4
0.30
M4S-003A
3
6.5
45
2.1
0.3
0.2
M4S-005A
5
10.8
125
3.5
0.5
0.2
M4S-006A
6
13.0
180
4.2
0.6
0.2
M4S-009A
9
19.5
405
6.3
0.9
0.2
M4S-012A
12
26.5
720
8.4
1.2
0.2
M4S-024A
24
52.9
2880
16.8
2.4
0.2
M4S-048A
48
103.9
11520
33.6
4.8
0.2
DIL Pitch Terminals .High Sensitivity
Conforms to FCC Part 68 1.5kV Surge and Dielectric 1000VAC
Fully sealed (immersion cleaning).
High Reliability bifurcated Contact.
Application for Telecommunication Equipment,Office Equipment,Security Alarm Systems,Measuring instruments,
Medical Monitoring Equipment,Audio Visual Equipment, Flight Simulator,Sensor Control
Features
M4S
41
M4 S 12
H A
W
1
2
3
4
5
Ordering Information
Contact Data
Operational
life
Electrical
5
1
10
Item 4 .30 of IEC 61810-7
8
Mechanical
10
Item 4.31 of IEC 61810-7
E169380
R
C
US
Approx. 5 Approx. 3
Approx. 5 Approx. 3
0.787max.
20max.
0.386max.
9.8max.
0.787
0.5
0.20
5.08
0.20
5.08
0.30
7.62
0.044
1.11
0.01
0.25
0.30
7.62
R50044268
U
T V
2A/30VDC
0.6A/125VAC
Ningbo Huaguan Electronics Corporation LTD.


Numéro de pièce similaire - M4S-012

FabricantNo de pièceFiches techniqueDescription
logo
DB Lectro Inc
M4S DBLECTRO-M4S Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
logo
MTRONPTI
M4S MTRONPTI-M4S Datasheet
210Kb / 1P
   9x14 mm, 5.0 Volt, PECL, Clock Oscillator
M4S MTRONPTI-M4S Datasheet
191Kb / 1P
   9x14 mm, 5.0 Volt, PECL, Clock Oscillator
logo
ebm-papst
M4S068-BF EBMPAPST-M4S068-BF Datasheet
459Kb / 10P
   direction of air flow "V" counter-clockwise, direction of air flow "A" clockwise
M4S068-BF EBMPAPST-M4S068-BF Datasheet
459Kb / 10P
   AC axial fans
More results

Description similaire - M4S-012

FabricantNo de pièceFiches techniqueDescription
logo
HuaXinAn Electronics CO...
M4 HUAXINAN-M4 Datasheet
365Kb / 1P
   DIL Pitch Terminals .High Sensitivity
M1B HUAXINAN-M1B Datasheet
358Kb / 1P
   DIL Pitch Terminals .High Sensitivity
logo
DB Lectro Inc
M4S DBLECTRO-M4S Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M1BS DBLECTRO-M1BS Datasheet
143Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M1B DBLECTRO-M1B Datasheet
146Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
logo
HuaXinAn Electronics CO...
NX2SA HUAXINAN-NX2SA Datasheet
578Kb / 2P
   DIL pitch terminals .Surface mount type with L shaped teminal;
logo
CIT Relay & Switch
J102 CIT-J102 Datasheet
100Kb / 3P
   High sensitivity
logo
Amphenol Corporation
NPC-1210 AMPHENOL-NPC-1210 Datasheet
71Kb / 4P
   High sensitivity
logo
OmniVision Technologies...
OV10650 OMNIVISION-OV10650 Datasheet
856Kb / 2P
   high sensitivity
logo
Amphenol Corporation
AAS-920-148C AMPHENOL-AAS-920-148C Datasheet
56Kb / 2P
   High sensitivity
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com