Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPD03-06G18S Fiches technique(PDF) 1 Page - Transcom, Inc.

No de pièce TPD03-06G18S
Description  5-18GHz 3-Way Power Divider
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCOM [Transcom, Inc.]
Site Internet  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TPD03-06G18S Fiches technique(HTML) 1 Page - Transcom, Inc.

  TPD03-06G18S Datasheet HTML 1Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TPD03-6G18S
PRE.1_05/14/2014
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science- Based Industrial Park, Hsin-She Dist., Tainan City, Taiwan..
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 1
6-18GHz 3-Way Power Divider
Electrical specifications:
No.
Parameter
Minimum
Typical
Maximum
Units
1
Frequency range
6
-
18
Ghz
2
Isolation
18
-
-
dB
3
Insertion Loss
-
-
1.0
dB
4
VSWR input
2.0
VSWR output
1.7
5
Phase Unbalance
/
˚
6
Amplitude Unbalance
±0.4
dB
7
Forward Power
10
W cw
Reverse Power
1
W cw
8
Operating Temperature Range
-55
-
+85
˚C
9
Impedance
-
50
-
Ω
10
Finish
Gray Paint
Outline Drawing:
All Dimensions in mm;Tolerance:±0.5
All Connectors: SMA-female


Numéro de pièce similaire - TPD03-06G18S

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TPD03-0.5G02S TRANSCOM-TPD03-0.5G02S Datasheet
81Kb / 1P
   0.5-2GHz 3-Way Power Divider
TPD03-02G04S TRANSCOM-TPD03-02G04S Datasheet
84Kb / 1P
   2-4GHz 3-Way Power Divider
TPD03-02G08S TRANSCOM-TPD03-02G08S Datasheet
86Kb / 1P
   2-8GHz 3-Way Power Divider
TPD03-02G18BS TRANSCOM-TPD03-02G18BS Datasheet
86Kb / 1P
   2-18GHz 3-Way Power Divider
TPD03-05G18BS TRANSCOM-TPD03-05G18BS Datasheet
85Kb / 1P
   5-18GHz 3-Way Power Divider
More results

Description similaire - TPD03-06G18S

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TPD03-05G18BS TRANSCOM-TPD03-05G18BS Datasheet
85Kb / 1P
   5-18GHz 3-Way Power Divider
TPD03-02G18BS TRANSCOM-TPD03-02G18BS Datasheet
86Kb / 1P
   2-18GHz 3-Way Power Divider
TPD02-06G18S TRANSCOM-TPD02-06G18S Datasheet
86Kb / 1P
   18GHz 2-Way Power Divider
TPD02-0.5G18S TRANSCOM-TPD02-0.5G18S Datasheet
78Kb / 1P
   0.5-18GHz 2-Way Power Divider
TPD12-08G18S TRANSCOM-TPD12-08G18S Datasheet
92Kb / 1P
   8-18GHz 12-Way Power Divider
TPD02-01G18BS TRANSCOM-TPD02-01G18BS Datasheet
80Kb / 1P
   1-18GHz 2-Way Power Divider
TPD04-02G18S TRANSCOM-TPD04-02G18S Datasheet
73Kb / 1P
   2-18GHz 4-Way Power Divider
TPD08-02G18S TRANSCOM-TPD08-02G18S Datasheet
87Kb / 1P
   2-18GHz 8-Way Power Divider
TPD08-06G18S TRANSCOM-TPD08-06G18S Datasheet
77Kb / 1P
   6-18GHz 8-Way Power Divider
TPD04-06G18S TRANSCOM-TPD04-06G18S Datasheet
72Kb / 1P
   6-18GHz 4-Way Power Divider
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com