Moteur de recherche de fiches techniques de composants électroniques |
|
M100A Fiches technique(PDF) 2 Page - General Semiconductor |
|
M100A Fiches technique(HTML) 2 Page - General Semiconductor |
2 / 2 page 50 75 125 175 0.2 1.0 1.2 1 0 10 20 30 40 50 10 100 0.6 0.8 1.0 1.2 1.4 1.6 1.8 0.01 0.1 1 10 100 0.1 1 10 100 1 10 100 25 0 100 150 0.01 0.1 1 10 100 0.1 1 10 100 0.4 0.6 0.8 020 40 60 80 100 0.01 0.1 1 10 100 1,000 RATINGS AND CHARACTERISTIC CURVES M100A THRU M100M FIG. 1 - FORWARD CURRENT DERATING CURVE AMBIENT TEMPERATURE, °C FIG. 4 - TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS FORWARD VOLTAGE, VOLTS FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT NUMBER OF CYCLES AT 60 HZ 8.3ms SINGLE HALF SINE WAVE (JEDEC Method) TA = 75°C FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE t, PULSE DURATION, sec. TJ=25°C f=1.0 MHz Vsig=50mVp-p FIG. 5 - TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE, VOLTS TJ=150°C FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PERCENTAGE OF PEAK REVERSE VOLTAGE, % TJ=25°C 0.375” (9.5mm) LEAD LENGTH TJ=25°C PULSE WIDTH=300 µs 1% DUTY CYCLE 0.2 x 0.2” (5.0 x 5.0mm) COPPER PADS 60 HZ RESISTIVE OR INDUCTIVE LOAD |
Numéro de pièce similaire - M100A |
|
Description similaire - M100A |