Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC10D020CIVS Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce ADC10D020CIVS
Description  ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC10D020CIVS Fiches technique(HTML) 7 Page - Texas Instruments

Back Button ADC10D020CIVS Datasheet HTML 3Page - Texas Instruments ADC10D020CIVS Datasheet HTML 4Page - Texas Instruments ADC10D020CIVS Datasheet HTML 5Page - Texas Instruments ADC10D020CIVS Datasheet HTML 6Page - Texas Instruments ADC10D020CIVS Datasheet HTML 7Page - Texas Instruments ADC10D020CIVS Datasheet HTML 8Page - Texas Instruments ADC10D020CIVS Datasheet HTML 9Page - Texas Instruments ADC10D020CIVS Datasheet HTML 10Page - Texas Instruments ADC10D020CIVS Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
ADC10D020
www.ti.com
SNAS143D – SEPTEMBER 2001 – REVISED MARCH 2013
Converter Electrical Characteristics (continued)
The following specifications apply for VA = VD = VDR = +3.0 VDC, VREF = 1.0 VDC, GAIN = OF = 0V, OS = 3.0V, VIN (a.c.
coupled) = FSR = 1.0 VP-P, CL = 15 pF, fCLK = 20 MHz, 50% Duty Cycle, RS = 50Ω, trc = tfc < 4 ns, NOT offset corrected.
Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C
(1).
Typical
Units
Symbol
Parameter
Conditions
Limits (3)
(2)
(Limits)
fIN1 < 4.9 MHz, VIN = FSR −6.1 dB
IMD
Intermodulation Distortion
65
dB
fIN2 < 5.1 MHz, VIN = FSR −6.1 dB
Overrange Output Code
(VIN+−VIN−) > 1.1V
1023
Underrange Output Code
(VIN+−VIN−) < −1.1V
0
FPBW
Full Power Bandwidth
140
MHz
INTER-CHANNEL CHARACTERISTICS
1 MHz input to tested channel, 4.75 MHz input to
Crosstalk
−90
dB
other channel
Channel - Channel Aperture Delay
fIN = 8 MHz
8.5
ps
Match
Channel - Channel Gain Matching
0.03
%FS
REFERENCE AND ANALOG CHARACTERISTICS
Gain Pin = AGND
1
VP-P
VIN
Analog Differential Input Range
Gain Pin = VA
2
VP-P
Clock High
6
pF
Analog Input Capacitance (each
CIN
input)
Clock Low
3
pF
RIN
Analog Differential Input Resistance
27
k
0.8
V (min)
VREF
Reference Voltage
1.0
1.5
V (max)
IREF
Reference Input Current
<1
µA
1.35
V (min)
VCMO
Common Mode Voltage Output
1 mA load to ground (sourcing current)
1.5
1.6
V (max)
TC
Common Mode Voltage Temperature
20
ppm/°C
VCMO
Coefficient
DIGITAL INPUT CHARACTERISTICS
VIH
Logical “1” Input Voltage
VD = +2.7V
2.0
V (min)
VIL
Logical “0” Input Voltage
VD = +3.6V
0.5
V (max)
IIH
Logical “1” Input Current
VIH = VD
<1
µA
IIL
Logical “0” Input Current
VIL = DGND
>
−1
µA
DIGITAL OUTPUT CHARACTERISTICS
VOH
Logical “1” Output Voltage
VDR = +2.7V, IOUT = −0.5 mA
VDR −0.3V
V (min)
VOL
Logical “0” Output Voltage
VDR = +2.7V, IOUT = 1.6 mA
0.4
V (max)
Parallel Mode
−7
mA
+ISC
Output Short Circuit Source Current
VOUT = 0V
Multiplexed Mode
−14
mA
Parallel Mode
7
mA
−ISC
Output Short Circuit Sink Current
VOUT = VDR
Multiplexed Mode
14
mA
POWER SUPPLY CHARACTERISTICS
PD = LOW, STBY = LOW, dc input
47.6
55
mA (max)
IA + ID
Core Supply Current
PD = LOW, STBY = HIGH
8.8
mA
PD = HIGH, STBY = LOW or HIGH
0.22
mA
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC10D020


Numéro de pièce similaire - ADC10D020CIVS

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC10D020CIVS NSC-ADC10D020CIVS Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC10D020CIVS TI1-ADC10D020CIVS Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVS/NOPB TI1-ADC10D020CIVS/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX TI1-ADC10D020CIVSX Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
ADC10D020CIVSX/NOPB TI1-ADC10D020CIVSX/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
More results

Description similaire - ADC10D020CIVS

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC10D020 TI1-ADC10D020_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADC10D020 Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC10D020 NSC-ADC10D020 Datasheet
767Kb / 32P
   Dual 10-Bit, 20 MSPS, 150 mW A/D Converter
logo
Texas Instruments
ADC14L020 TI1-ADC14L020_14 Datasheet
803Kb / 33P
[Old version datasheet]   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
National Semiconductor ...
ADC14L020 NSC-ADC14L020 Datasheet
915Kb / 23P
   14-Bit, 20 MSPS, 150 mW A/D Converter
logo
Fairchild Semiconductor
SPT7852 FAIRCHILD-SPT7852 Datasheet
67Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7852 CADEKA-SPT7852 Datasheet
175Kb / 11P
   DUAL 10-BIT, 20 MSPS, 160 mW A/D CONVERTER
logo
List of Unclassifed Man...
SPT7851 ETC1-SPT7851 Datasheet
69Kb / 8P
   10-BIT, 20 MSPS, 79 mW A/D CONVERTER
logo
Cadeka Microcircuits LL...
SPT7850 CADEKA-SPT7850 Datasheet
190Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Fairchild Semiconductor
SPT7850 FAIRCHILD-SPT7850 Datasheet
97Kb / 13P
   10-BIT, 20 MSPS, 140 mW A/D CONVERTER
logo
Analog Devices
AD876JST AD-AD876JST Datasheet
338Kb / 16P
   10-Bit 20 MSPS 160 mW CMOS A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com