Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0801 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce ADC0801
Description  8-Bit 關P Compatible A/D Converters
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0801 Fiches technique(HTML) 4 Page - Texas Instruments

  ADC0801 Datasheet HTML 1Page - Texas Instruments ADC0801 Datasheet HTML 2Page - Texas Instruments ADC0801 Datasheet HTML 3Page - Texas Instruments ADC0801 Datasheet HTML 4Page - Texas Instruments ADC0801 Datasheet HTML 5Page - Texas Instruments ADC0801 Datasheet HTML 6Page - Texas Instruments ADC0801 Datasheet HTML 7Page - Texas Instruments ADC0801 Datasheet HTML 8Page - Texas Instruments ADC0801 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
ADC0801, ADC0802
ADC0803, ADC0804, ADC0805
SNOSBI1B – NOVEMBER 2009 – REVISED FEBRUARY 2013
www.ti.com
AC ELECTRICAL CHARACTERISTICS
The following specifications apply for VCC=5 VDC and TMIN≤ TA≤TMAX (unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fCLK = 640 kHz
(1)
103
114
µs
TC
Conversion Time
See (2)(1)
66
73
1/fCLK
Clock Frequency
100
640
1460
kHz
fCLK
VCC = 5V
(2)
Clock Duty Cycle
40%
60%
INTR tied to WR with CS = 0 VDC,
CR
Conversion Rate in Free-Running Mode
8770
9708
conv/s
fCLK = 640 kHz
tW(WR)L
Width of WR Input (Start Pulse Width)
CS = 0 VDC (3)
100
ns
Access Time (Delay from Falling Edge of RD
tACC
CL = 100 pF
135
200
ns
to Output Data Valid)
TRI-STATE Control (Delay from Rising Edge of CL = 10 pF, RL = 10k (See TRI-STATE
t1H, t0H
125
200
ns
RD to Hi-Z State)
TEST CIRCUITS AND WAVEFORMS)
Delay from Falling Edge of WR or RD to Reset
tWI, tRI
300
450
ns
of INTR
CIN
Input Capacitance of Logic Control Inputs
5
7.5
pF
COUT
TRI-STATE Output Capacitance (Data Buffers)
5
7.5
pF
CONTROL INPUTS [Note: CLK IN (Pin 4) is the input of a Schmitt trigger circuit and is therefore specified separately]
VIN (1)
Logical “1” Input Voltage (Except Pin 4 CLK IN) VCC = 5.25 VDC
2
15
VDC
VIN (0)
Logical “0” Input Voltage (Except Pin 4 CLK IN) VCC = 4.75 VDC
0.8
VDC
IIN (1)
Logical “1” Input Current (All Inputs)
VIN = 5 VDC
0.005
1
µADC
IIN (0)
Logical “0” Input Current (All Inputs)
VIN = 0 VDC
–1 –0.005
µADC
CLOCK IN AND CLOCK R
CLK IN (Pin 4) Positive Going Threshold
VT+
2.7
3.1
3.5
VDC
Voltage
CLK IN (Pin 4) Negative Going Threshold
VT
1.5
1.8
2.1
VDC
Voltage
VH
CLK IN (Pin 4) Hysteresis (VT+)–(VT−)
0.6
1.3
2
VDC
VOUT (0)
Logical “0” CLK R Output Voltage
IO = 360 µA, VCC = 4.75 VDC
0.4
VDC
VOUT (1)
Logical “1” CLK R Output Voltage
IO = −360 µA, VCC = 4.75 VDC
2.4
VDC
DATA OUTPUTS AND INTR
Logical “0” Output Voltage
VOUT (0)
Data Outputs
IOUT = 1.6 mA, VCC = 4.75 VDC
0.4
VDC
INTR Output
IOUT = 1.0 mA, VCC = 4.75 VDC
0.4
VDC
IO = −360 µA, VCC = 4.75 VDC
2.4
VDC
VOUT (1)
Logical “1” Output Voltage
IO = −10 µA, VCC = 4.75 VDC
4.5
VDC
VOUT = 0 VDC
–3
µADC
TRI-STATE Disabled Output Leakage (All Data
IOUT
Buffers)
VOUT = 5 VDC
3
µADC
ISOURCE
VOUT Short to GND, TA = 2 5°C
4.5
6
mADC
ISINK
VOUT Short to VCC, TA = 25°C
9
16
mADC
POWER SUPPLY
Supply Current (Includes Ladder Current)
fCLK = 640 kHz, VREF/2 = NC,
ICC
ADC0801/02/03/04LCJ/05
1.1
1.8
mA
TA = 25°C and CS = 5 V
ADC0804LCN/LCWM
1.9
2.5
mA
(1)
Accuracy is specified at fCLK = 640 kHz. At higher clock frequencies accuracy can degrade. For lower clock frequencies, the duty cycle
limits can be extended so long as the minimum clock high time interval or minimum clock low time interval is no less than 275 ns.
(2)
With an asynchronous start pulse, up to 8 clock periods may be required before the internal clock phases are proper to start the
conversion process. The start request is internally latched, see Figure 48 and FUNCTIONAL DESCRIPTION.
(3)
The CS input is assumed to bracket the WR strobe input and therefore timing is dependent on the WR pulse width. An arbitrarily wide
pulse width will hold the converter in a reset mode and the start of conversion is initiated by the low to high transition of the WR pulse
(see TIMING DIAGRAMS).
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADC0801, ADC0802 ADC0803, ADC0804, ADC0805


Numéro de pièce similaire - ADC0801

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
   8-Bit uP Compatible A/D Converters
ADC0801 NSC-ADC0801 Datasheet
2Mb / 3P
   8 BIT UP COMPATIBLE A/D CONVERTERS
ADC0801 NSC-ADC0801 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
More results

Description similaire - ADC0801

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC0801 NSC-ADC0801_1 Datasheet
1Mb / 41P
   8-Bit 關P Compatible A/D Converters
logo
Texas Instruments
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
logo
National Semiconductor ...
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
ADC0844 TI1-ADC0844_14 Datasheet
2Mb / 25P
[Old version datasheet]   ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0801-N TI1-ADC0801-N Datasheet
1Mb / 43P
[Old version datasheet]   ADC0801/ADC0802/ADC0803/ADC0804/ADC0805 8-Bit 關P Compatible A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com