Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA060-120-35-33 Fiches technique(PDF) 1 Page - Transcom, Inc.

No de pièce TA060-120-35-33
Description  6 ~ 12GHz 35dB Gain 33dBm Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCOM [Transcom, Inc.]
Site Internet  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA060-120-35-33 Fiches technique(HTML) 1 Page - Transcom, Inc.

  TA060-120-35-33 Datasheet HTML 1Page - Transcom, Inc. TA060-120-35-33 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TA060-120-35-33
REV0_2009/08/28
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science- Based Industrial Park, Hsin-She Dist, Tainan City Taiwan
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1/2
6 ~ 12GHz 35dB Gain 33dBm Power Amplifier
FEATURES
P1dB: 33dBm, min.
Small Signal Gain: 35dB, min.
Bias Condition: 2500mA @ 12 V
ELECTRICAL SPECIFICATIONS (Specified at 25C)
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
FREQ
Frequency Range
6
12
GHz
SSG
Small Signal Gain
35
39
dB
GOF
Small Signal Gain Flatness
±
±±
±1.2
dB
NF
Noise Figure
5.4
dB
P1dB
Output Power at 1 dB Gain Compression
33
dBm
IP3
The Third Intercept Point
43
dBm
VSWR, IN
Input VSWR
2 : 1
------
VSWR, OUT
Output VSWR
2 : 1
------
Vdc
DC Supply Voltage(with built-in regulator)
11
12
15
Volt
Idc
Current Supply
2500
mA
OTR
Operating Temperature Range
-30
70
°C
Housing: HA2, with SMA female removable connectors, unit is inch


Numéro de pièce similaire - TA060-120-35-33

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TA060-120-35-30 TRANSCOM-TA060-120-35-30 Datasheet
71Kb / 2P
   6 ~ 12GHz 35dB Gain 30dBm Power Amplifier
More results

Description similaire - TA060-120-35-33

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TA060-120-35-30 TRANSCOM-TA060-120-35-30 Datasheet
71Kb / 2P
   6 ~ 12GHz 35dB Gain 30dBm Power Amplifier
TA060-120-35-27 TRANSCOM-TA060-120-35-27 Datasheet
77Kb / 2P
   6 ~ 12GHz 35dB Gain 27dBm Power Amplifier
TA060-120-35-15 TRANSCOM-TA060-120-35-15 Datasheet
50Kb / 2P
   6 ~ 12GHz 35dB Gain 15dBm Power Amplifier
TA020-060-35-13 TRANSCOM-TA020-060-35-13 Datasheet
63Kb / 2P
   2 ~ 6GHz 35dB Gain 13dBm Power Amplifier
logo
TriQuint Semiconductor
TGA2590-CP TRIQUINT-TGA2590-CP Datasheet
579Kb / 11P
   6 to 12GHz, 30W GaN Power Amplifier
TGA2598 TRIQUINT-TGA2598_15 Datasheet
581Kb / 13P
   6 12GHz 2W GaN Driver Amplifier
logo
Transcom, Inc.
TA060-120-11-10 TRANSCOM-TA060-120-11-10 Datasheet
72Kb / 2P
   6 ~ 12GHz 10dBm Low Noise Amplifier
logo
United Monolithic Semic...
CHA6005-99F UMS-CHA6005-99F Datasheet
271Kb / 10P
   8-12GHz High Power Amplifier
logo
TriQuint Semiconductor
TGA2710 TRIQUINT-TGA2710 Datasheet
193Kb / 15P
   10.5 - 12GHz High Power Amplifier
logo
United Monolithic Semic...
CHA6005-QEG UMS-CHA6005-QEG_15 Datasheet
541Kb / 12P
   8-12GHz High Power Amplifier
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com