Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TA060-120-15-27 Fiches technique(PDF) 1 Page - Transcom, Inc.

No de pièce TA060-120-15-27
Description  6.0 ??12.0 GHz 17dB Gain 27dBm Amplifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TRANSCOM [Transcom, Inc.]
Site Internet  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TA060-120-15-27 Fiches technique(HTML) 1 Page - Transcom, Inc.

  TA060-120-15-27 Datasheet HTML 1Page - Transcom, Inc. TA060-120-15-27 Datasheet HTML 2Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TA060-120-15-27
REV.0_11/20/2008
TRANSCOM, INC., 90 Dasoong 7
th Road, Tainan Science-Based Industrial Park, Hsin-She Dist., Tainan City, Taiwan
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
P 1 / 2
6.0 – 12.0 GHz 17dB Gain 27dBm Amplifiers
FEATURES
P-1 dB: 27dBm(min.)
Noise Figure: 5.0dB
Bias Condition: 400mA @ 12 V
Small Signal Gain: 15dB(min.)
ELECTRICAL SPECIFICATIONS (Specified at 25 °°°°C)
Symbol
Description
Min.
Typ.
Max.
Unit
FREQ
Frequency Range
6
12
GHz
SSG
Small Signal Gain
15
17
dB
GOF
Small Signal Gain Flatness
± 0.6
dB
P-1 dB
Output Power at 1 dB Gain Compression
27
dBm
IP3
The 3
rd intercept Point
37
NF
Noise Figure
5.0
dB
VSWR, IN
Input VSWR
2.0:1
-
VSWR, OUT Output VSWR
2.0:1
-
Vdc
DC Supply Voltage(internal regulator included)
11
12
15
Volt
Idc
Current Supply
400
450
mA
OTR
Operating Temperature Range
-30
70
°C
CASE: HG3, as shown attached, unit is in inch.


Numéro de pièce similaire - TA060-120-15-27

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TA060-120-11-10 TRANSCOM-TA060-120-11-10 Datasheet
72Kb / 2P
   6 ~ 12GHz 10dBm Low Noise Amplifier
More results

Description similaire - TA060-120-15-27

FabricantNo de pièceFiches techniqueDescription
logo
Transcom, Inc.
TA060-120-45-30 TRANSCOM-TA060-120-45-30 Datasheet
47Kb / 2P
   6.0 ??12.0 GHz 30dBm Amplifiers
TA060-120-25-27 TRANSCOM-TA060-120-25-27 Datasheet
48Kb / 2P
   6.0 . 12.0 GHz 27dBmAmplifiers
TA060-120-20-21 TRANSCOM-TA060-120-20-21 Datasheet
48Kb / 2P
   6.0 ??12.0 GHz 21dBmAmplifiers
TA060-120-22-15 TRANSCOM-TA060-120-22-15 Datasheet
101Kb / 2P
   6.0 ??12.0 GHz 15dBm Amplifier
logo
Teledyne Technologies I...
ACP12019 TELEDYNE-ACP12019 Datasheet
145Kb / 2P
   6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
A2CP12024 TELEDYNE-A2CP12024 Datasheet
104Kb / 1P
   6.0 TO 12.0 GHz COUGARPAK??AMPLIFIER
ACP12017 TELEDYNE-ACP12017 Datasheet
146Kb / 2P
   6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
ACP12013 TELEDYNE-ACP12013 Datasheet
102Kb / 1P
   6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
A2CP12026 TELEDYNE-A2CP12026 Datasheet
151Kb / 2P
   6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
ACP12015 TELEDYNE-ACP12015 Datasheet
145Kb / 2P
   6.0 TO 12.0 GHz COUGARPAK AMPLIFIER
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com