Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC34451 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce MC34451
Description  Right Angle Header - 6 Way
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

MC34451 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  MC34451 Datasheet HTML 1Page - List of Unclassifed Manufacturers MC34451 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SIZE
DWG NO.
PART NO.
ECN # REV
-A
REVISIONS
DESCRIPTION
DRAWN
DATE
DATE
DATE
CHECKD
APPRVD
Veena 01/8/08
01/8/08
15/8/08
Suresh
G. C
RELEASED
1251R-06-SM1
This data sheet and its contents (the "Information") belong to the Premier Farnell Group
(the "Group") or are licensed to it. No licence is granted for the use of it other than for
information purposes in connection with the products to which it relates. No licence
of any intellectual property rights is granted. The Information is subject to change with-
out notice and replaces all data sheets previously supplied. The Information supplied is
believed to be accurate but the Group assumes no responsibility for its accuracy or
completeness, any error in or omission from it or for any use made of it. Users of this
data sheet should check for themselves the Information and the suitability of the prod-
ucts for their purpose and not make any assumptions based on information included or
omitted. Liability for loss or damage resulting from any reliance on the Information or
use of it (including liability resulting from negligence or where the Group was aware of
the possibility of such loss or damage arising) is excluded. This will not operate to limit
or restrict the Group's liability for death or personal injury resulting from its negligence.
SPC MULTICOMP is the registered trademark of the Group. © Premier Farnell plc 2008.
TOLERANCES:
DRAWN BY:
Veena
Suresh
G.Cook
CHECKED BY:
APPROVED BY:
DATE:
DRAWING TITLE:
Right Angle Header - 6 Way
1251R-XX-SM1_5_DWG
M10001476
01/08/08
DATE:
SCALE: NTS
U.O.M.: mm
SHEET:
2
OF 3
ELECTRONIC FILE
REV
A
01/08/08
A
DATE:
15/08/08
UNLESS OTHERWISE
SPECIFIED,
DIMENSIONS ARE
FOR REFERENCE
PURPOSES ONLY.
PCB Layout
Dimensions : Millimetres
Dimensions : Millimetres
Number of Positions
A
B
C
Part Number
6P
6.25
12.25
9.25
1251R-06-SM1
Specification Table
1251
Right Angle
R
Number of Positions
06
-
SMD Type
SM1
-
Part Number Explanation:
Number of Positions
: 06= 6 Positions.
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk


Numéro de pièce similaire - MC34451

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MC34457 ETC1-MC34457 Datasheet
99Kb / 2P
   1.25mm Receptacle Housing - W2B
More results

Description similaire - MC34451

FabricantNo de pièceFiches techniqueDescription
logo
Molex Electronics Ltd.
0194270103 MOLEX-0194270103 Datasheet
103Kb / 1P
   12 WAY RIGHT ANGLE HEADER ASSEMBLY
19428-0012 MOLEX11-19428-0012 Datasheet
87Kb / 1P
   6-WAY STRAIGHT HEADER ASSEMBLY, SHORT VERSION
31100-0042 MOLEX11-31100-0042 Datasheet
55Kb / 2P
   H-DAC 64??2.54mm4 Way Right Angle Header Assembly, Polarization C
0348980503 MOLEX1-0348980503 Datasheet
39Kb / 2P
   HSAutoLink II Right-Angle Sealed Header, 6 Circuits
0530480610 MOLEX1-0530480610_17 Datasheet
29Kb / 2P
   1.25mm Pitch PicoBlade Header, Right Angle, 6 Circuits
34898-0503 MOLEX11-34898-0503 Datasheet
46Kb / 2P
   HSAutoLink II Right Angle Sealed Header, 6 Circuits
0783532001 MOLEX11-0783532001 Datasheet
44Kb / 2P
   Impact 6 Pair, Right Angle Power Header, Right Hold-Down
0783532001 MOLEX1-0783532001_17 Datasheet
44Kb / 2P
   Impact 6 Pair, Right Angle Power Header, Right Hold-Down
0783532002 MOLEX11-0783532002 Datasheet
44Kb / 2P
   Impact 6 Pair, Right Angle Power Header, Right Hold-Down
0783532011 MOLEX11-0783532011 Datasheet
46Kb / 2P
   Impact 6 Pair, Right Angle Power Header, Right Hold-Down
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com