Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZX84-B13 Fiches technique(PDF) 7 Page - General Semiconductor

No de pièce BZX84-B13
Description  Zener Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GE [General Semiconductor]
Site Internet  http://www.vishay.com
Logo GE - General Semiconductor

BZX84-B13 Fiches technique(HTML) 7 Page - General Semiconductor

  BZX84-B13 Datasheet HTML 1Page - General Semiconductor BZX84-B13 Datasheet HTML 2Page - General Semiconductor BZX84-B13 Datasheet HTML 3Page - General Semiconductor BZX84-B13 Datasheet HTML 4Page - General Semiconductor BZX84-B13 Datasheet HTML 5Page - General Semiconductor BZX84-B13 Datasheet HTML 6Page - General Semiconductor BZX84-B13 Datasheet HTML 7Page - General Semiconductor BZX84-B13 Datasheet HTML 8Page - General Semiconductor BZX84-B13 Datasheet HTML 9Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
°C/W
V
°C
BZX84 Series
Zener Diodes
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)


Numéro de pièce similaire - BZX84-B13

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BZX84-B13 PHILIPS-BZX84-B13 Datasheet
63Kb / 12P
   Voltage regulator diodes
2003 Apr 10
logo
DAESAN ELECTRONIC CORP.
BZX84-B13 DAESAN-BZX84-B13 Datasheet
373Kb / 3P
   300mW SOT-23 ZENER DIODES
logo
NXP Semiconductors
BZX84-B13 NXP-BZX84-B13 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-B13 NXP-BZX84-B13 Datasheet
741Kb / 11P
   Voltage regulator diodes
2003 Apr 10
BZX84-B13 PHILIPS-BZX84-B13 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
More results

Description similaire - BZX84-B13

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com