Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC12048CIV Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce ADC12048CIV
Description  ADC12048 12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12048CIV Fiches technique(HTML) 6 Page - Texas Instruments

Back Button ADC12048CIV Datasheet HTML 2Page - Texas Instruments ADC12048CIV Datasheet HTML 3Page - Texas Instruments ADC12048CIV Datasheet HTML 4Page - Texas Instruments ADC12048CIV Datasheet HTML 5Page - Texas Instruments ADC12048CIV Datasheet HTML 6Page - Texas Instruments ADC12048CIV Datasheet HTML 7Page - Texas Instruments ADC12048CIV Datasheet HTML 8Page - Texas Instruments ADC12048CIV Datasheet HTML 9Page - Texas Instruments ADC12048CIV Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
ADC12048
SNAS105B – APRIL 2000 – REVISED MARCH 2013
www.ti.com
Power Supply Characteristics
The following specifications apply to the ADC12048 for VA+ = VD+ = 5V, VREF+ = 4.096V, VREF− = 0.0V, 12-bit + sign
conversion mode, fCLK = 12.0 MHz, RS = 25Ω, source impedance for VREF+ and VREF− ≤ 1Ω, fully differential input with fixed
2.048V common-mode voltage, and minimum acquisition time, unless otherwise specified. Boldface limits apply for TA = TJ
= TMIN to TMAX; all other limits TA = TJ = 25°C
Unit
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
(Limit)
PSS
Power Supply Sensitivity
VD+ = VA+ = 5.0V ±10%
(3)
Zero Error
VREF+ = 4.096V
±0.1
LSB
Full-Scale Error
VREF− = 0V
±0.5
LSB
Linearity Error
±0.1
LSB
ID+
VD+ Digital Supply Current
Start Command (Performing a conversion)
with SYNC configured as an input and
driven with a 214 kHz signal. Bus width set
to 13.
fCLK = 12.0 MHz, Reset Mode
850
μA
fCLK = 12.0 MHz, Conversion
2.45
2.8
mA (max)
IA+
VA+ Analog Supply Current
Start Command (Performing a conversion)
with SYNC configured as an input and
driven with a 214 kHz signal. Bus width set
to 13.
fCLK = 12.0 MHz, Reset Mode
2.3
mA
fCLK = 12.0 MHz, Conversion
2.3
4.0
mA (max)
IST
Standby Supply Current
Standby Mode
(ID+ + IA+)
fCLK = Stopped
5
15
μA (max)
fCLK = 12.0 MHz
100
120
μA (max)
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
Power Supply Sensitivity is measured after an Auto-Zero and Auto Calibration cycle has been completed with VA+ and VD+ at the
specified extremes.
Analog MUX Inputs Characteristics
The following specifications apply to the ADC12048 for VA+ = VD+ = 5V, VREF+ = 4.096V, VREF− = 0.0V, 12-Bit + sign
conversion mode, fCLK = 12.0 MHz, RS = 25Ω, source impedance for VREF+ and VREF+ ≤ 1Ω, fully differential input with fixed
2.048V common-mode voltage, and minimum acquisition time, unless otherwise specified. Boldface limits apply for TA = TJ
= TMIN to TMAX; all other limits TA = TJ = 25°C
Unit
Symbol
Parameter
Conditions
Typical(1)
Limits(2)
(Limit)
ION
MUX ON Channel Leakage Current ON Channel = 5V, OFF Channel = 0V
0.05
1.0
μA (min)
ON Channel = 0V, OFF Channel = 5V
−0.05
−1.0
μA (max)
IOFF
MUX OFF Channel Leakage
ON Channel = 5V, OFF Channel = 0V
0.05
1.0
μA (min)
Current
ON Channel = 0V, OFF Channel = 5V
−0.05
−1.0
μA (max)
IADCIN
ADCIN Input Leakage Current
0.05
2.0
μA (max)
RON
MUX On Resistance
VIN = 2.5V
310
500
Ω (max)
MUX Channel-to-Channel RON
VIN = 2.5V
±20%
Ω
Matching
CMUX
MUX Channel and COM Input
10
pF
Capacitance
CADC
ADCIN Input Capacitance
70
pF
CMUXOUT MUX Output Capacitance
20
pF
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: ADC12048


Numéro de pièce similaire - ADC12048CIV

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC12048CIV NSC-ADC12048CIV Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12048CIV NSC-ADC12048CIV Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADC12048CIV TI1-ADC12048CIV Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12048CIV/NOPB TI1-ADC12048CIV/NOPB Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048CIVF NSC-ADC12048CIVF Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
More results

Description similaire - ADC12048CIV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC12048 TI1-ADC12048 Datasheet
1Mb / 36P
[Old version datasheet]   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
logo
National Semiconductor ...
ADC12048 NSC-ADC12048 Datasheet
635Kb / 30P
   12-Bit Plus Sign 216 kHz 8-Channel Sampling Analog-to-Digital Converter
ADC12041 NSC-ADC12041 Datasheet
591Kb / 28P
   12-Bit Plus Sign 216 kHz Sampling Analog-to-Digital Converter
ADC12048 NSC-ADC12048_02 Datasheet
712Kb / 32P
   12-Bit Plus Sign 216kHz 8-Channel Sampling Analog-to-Digital Converter
logo
Texas Instruments
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
PCM4104-EP TI-PCM4104-EP Datasheet
877Kb / 43P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
PCM4104-EP TI-PCM4104-EP_15 Datasheet
1Mb / 44P
[Old version datasheet]   High-Performance, 24-Bit, 216-kHz Sampling, Four-Channel Audio Digital-to-Analog Converter
logo
National Semiconductor ...
ADC1242 NSC-ADC1242 Datasheet
254Kb / 14P
   12-Bit Plus Sign Sampling A/D Converter
logo
Texas Instruments
ADS7822-Q1 TI1-ADS7822-Q1 Datasheet
769Kb / 23P
[Old version datasheet]   12-BIT 200-kHz MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
PCM4202-EP TI-PCM4202-EP_15 Datasheet
1Mb / 30P
[Old version datasheet]   High-Performance, 24 Bit, 216 kHz Sampling, Stereo Audio Analog-to-Digital Converter
JUNE 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com