Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

J110 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce J110
Description  N-Channel Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

J110 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  J110 Datasheet HTML 1Page - Fairchild Semiconductor J110 Datasheet HTML 2Page - Fairchild Semiconductor J110 Datasheet HTML 3Page - Fairchild Semiconductor J110 Datasheet HTML 4Page - Fairchild Semiconductor J110 Datasheet HTML 5Page - Fairchild Semiconductor J110 Datasheet HTML 6Page - Fairchild Semiconductor J110 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, November 2002
Absolute Maximum Ratings * T
A=25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These ratings are based on a maximum junction temperature of 150 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations.
Electrical Characteristics T
A=25°C unless otherwise noted
* Pulse Test: Pulse Width
≤ 300µs, Duty Cycle ≤ 2.0%
Symbol
Parameter
Value
Units
VDG
Drain-Gate Voltage
25
V
VGS
Gate-Source Voltage
-25
V
IGF
Forward Gate Current
10
mA
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 ~ +150
°C
Symbol
Parameter
Test Condition
Min.
Max.
Units
Off Characteristics
V(BR)GSS
Gate-Source Breakdwon Voltage
IG = -10µA, VDS = 0
-25
V
IGSS
Gate Reverse Current
VGS = -15V, VDS = 0
VGS = -15V, VDS = 0, TA = 100°C
-3.0
-200
nA
nA
VGS(off)
Gate-Source Cutoff Voltage
VDS = 15V, ID = 10nA
108
109
110
-3.0
-2.0
-0.5
-10
-6.0
-4.0
V
V
V
On Characteristics
IDSS
Zero-Gate Voltage Drain Current *
VDS = 15V, IGS = 0
108
109
110
80
40
10
mA
mA
mA
rDS(on)
Drain-Source On Resistance
VDS ≤ 0.1V, VGS = 0
108
109
110
8.0
12
18
Small Signal Characteristics
Cdg(on)
Csg(off)
Drain Gate & Source Gate On
Capacitance
VDS = 0, VGS = 0, f = 1.0MHz
85
pF
Cdg(on)
Drain-Gate Off Capacitance
VDS = 0, VGS = -10, f = 1.0MHz
15
pF
Csg(off)
Source-Gate Off Capacitance
VDS = 0, VGS = -10, f = 1.0MHz
15
pF
J108/J109/J110/MMBFJ108
N-Channel Switch
• This device is designed for digital switching
applications where very low on resistance is
mandatory.
• Sourced from Process 58.
1. Drain 2. Source 3. Gate
1
2
3
TO-92
1
1. Drain 2. Source 3. Gate
SuperSOT-3
Marking: I8


Numéro de pièce similaire - J110

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
J110 PHILIPS-J110 Datasheet
45Kb / 7P
   N-channel silicon junction FETs
1996 Jul 30
logo
Fairchild Semiconductor
J110 FAIRCHILD-J110 Datasheet
47Kb / 4P
   N-Channel Switch
logo
Calogic, LLC
J110 CALOGIC-J110 Datasheet
21Kb / 1P
   N-Channel JFET Switch
logo
InterFET Corporation
J110 INTERFET-J110 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
Fairchild Semiconductor
J110 FAIRCHILD-J110 Datasheet
169Kb / 7P
   N-Channel Switch
More results

Description similaire - J110

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
J105 FAIRCHILD-J105_01 Datasheet
482Kb / 12P
   N-Channel Switch
PN4091 FAIRCHILD-PN4091 Datasheet
55Kb / 3P
   N-Channel Switch
PN4391 FAIRCHILD-PN4391 Datasheet
474Kb / 10P
   N-Channel Switch
PN5432 FAIRCHILD-PN5432 Datasheet
300Kb / 7P
   N-Channel Switch
U1898 FAIRCHILD-U1898 Datasheet
26Kb / 3P
   N-Channel Switch
MMBFJ110 FAIRCHILD-MMBFJ110_11 Datasheet
183Kb / 5P
   N-Channel Switch
logo
ON Semiconductor
J109 ONSEMI-J109 Datasheet
1Mb / 8P
   N-Channel Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
MMBF5434 FAIRCHILD-MMBF5434 Datasheet
73Kb / 4P
   N-Channel Switch
MMBFJ108 FAIRCHILD-MMBFJ108 Datasheet
169Kb / 7P
   N-Channel Switch
PF5103 FAIRCHILD-PF5103 Datasheet
151Kb / 6P
   N-Channel Switch
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com