Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC0820CCWM Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce ADC0820CCWM
Description   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0820CCWM Fiches technique(HTML) 4 Page - Texas Instruments

  ADC0820CCWM Datasheet HTML 1Page - Texas Instruments ADC0820CCWM Datasheet HTML 2Page - Texas Instruments ADC0820CCWM Datasheet HTML 3Page - Texas Instruments ADC0820CCWM Datasheet HTML 4Page - Texas Instruments ADC0820CCWM Datasheet HTML 5Page - Texas Instruments ADC0820CCWM Datasheet HTML 6Page - Texas Instruments ADC0820CCWM Datasheet HTML 7Page - Texas Instruments ADC0820CCWM Datasheet HTML 8Page - Texas Instruments ADC0820CCWM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADC0820-N
SNAS529C – JUNE 1999 – REVISED MARCH 2013
www.ti.com
DC Electrical Characteristics
The following specifications apply for VCC = 5V, unless otherwise specified. Boldface limits apply from TMIN to TMAX; all
other limits TA = TJ = 25°C.
ADC0820BCN, ADC0820CCN,
ADC0820CCJ
ADC0820BCV, ADC0820BCWM,
Limit
ADC0820CCWM, ADC0820CIWM
Parameter
Conditions
Units
Tested
Design
Tested
Design
Typ(1)
Typ(1)
Limit(2)
Limit(3)
Limit(2)
Limit(3)
CS , WR , RD
2.0
2.0
2.0
V
VIN(1), Logical “1”
VCC=5.25V
Input Voltage
Mode
3.5
3.5
3.5
V
CS , WR , RD
0.8
0.8
0.8
V
VIN(0), Logical “0”
VCC=4.75V
Input Voltage
Mode
1.5
1.5
1.5
V
VIN(1)=5V; CS , RD
0.005
1
0.005
1
µA
IIN(1), Logical “1”
VIN(1)=5V; WR
0.1
3
0.1
0.3
3
µA
Input Current
VIN(1)=5V; Mode
50
200
50
170
200
µA
IIN(0), Logical “0”
VIN(0)=0V; CS, RD, WR, Mode
−0.005
−1
−0.005
−1
µA
Input Current
VCC=4.75V, IOUT=−360 µA;
2.4
2.8
2.4
V
DB0–DB7, OFL , INT
VOUT(1), Logical “1”
Output Voltage
VCC=4.75V, IOUT=−10 µA;
4.5
4.6
4.5
V
DB0–DB7, OFL , INT
VOUT(0), Logical “0”
VCC=4.75V, IOUT=1.6 mA;
0.4
0.34
0.4
V
Output Voltage
DB0–DB7, OFL , INT , RDY
VOUT=5V; DB0–DB7, RDY
0.1
3
0.1
0.3
3
µA
IOUT, TRI-STATE
Output Current
VOUT=0V; DB0–DB7, RDY
−0.1
−3
−0.1
−0.3
−3
µA
VOUT=0V; DB0–DB7, OFL
−12
−6
−12
−7.2
−6
mA
ISOURCE, Output
Source Current
INT
−9
−4.0
−9
−5.3
−4.0
mA
ISINK, Output Sink
VOUT=5V; DB0–DB7, OFL ,
14
7
14
8.4
7
mA
Current
INT , RDY
ICC, Supply Current
CS =WR =RD =0
7.5
15
7.5
13
15
mA
(1)
Typicals are at 25°C and represent most likely parametric norm.
(2)
Tested limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(3)
Design limits are specified but not 100% tested. These limits are not used to calculate outgoing quality levels.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0820-N


Numéro de pièce similaire - ADC0820CCWM

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC0820CCWM NSC-ADC0820CCWM Datasheet
472Kb / 22P
   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results

Description similaire - ADC0820CCWM

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
ADC0820 NSC-ADC0820 Datasheet
472Kb / 22P
   8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N Datasheet
604Kb / 25P
[Old version datasheet]   ADC0820 8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
Analog Devices
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7821 AD-AD7821_15 Datasheet
816Kb / 16P
   LC MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7820 AD-AD7820_15 Datasheet
612Kb / 12P
   LC MOS High Speed P Compatible 8 Bit ADC with Track Hold Function
REV. A
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com