Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC540IDWRG4 Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TLC540IDWRG4
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC540IDWRG4 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TLC540IDWRG4 Datasheet HTML 2Page - Texas Instruments TLC540IDWRG4 Datasheet HTML 3Page - Texas Instruments TLC540IDWRG4 Datasheet HTML 4Page - Texas Instruments TLC540IDWRG4 Datasheet HTML 5Page - Texas Instruments TLC540IDWRG4 Datasheet HTML 6Page - Texas Instruments TLC540IDWRG4 Datasheet HTML 7Page - Texas Instruments TLC540IDWRG4 Datasheet HTML 8Page - Texas Instruments TLC540IDWRG4 Datasheet HTML 9Page - Texas Instruments TLC540IDWRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TLC540I, TLC541I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 INPUTS
SLAS065B – OCTOBER 1983 – REVISED JUNE 2001
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range,
VCC = Vref+ – 4.75 V to 5.5 V, fclock(I/O) = 2.048 MHz for TLC540 or 1.1 MHz for TLC541,
fclock(SYS) = 4 MHz for TLC540 or 2.1 MHz for TLC541
PARAMETER
TEST CONDITIONS
TLC540
TLC541
UNIT
PARAMETER
TEST CONDITIONS
MIN
MAX
MIN
MAX
UNIT
EL
Linearity error
See Note 5
±0.5
±0.5
LSB
EZS
Zero–scale error
See Notes 2 and 6
±0.5
±0.5
LSB
EFS
Full-scale error
See Notes 2 and 6
±0.5
±0.5
LSB
Total unadjusted error
See Note 7
±0.5
±0.5
LSB
Self-test output code
Input A11 address = 1011,
(see Note 8)
01111101
(125)
10000011
(131)
01111101
(125)
10000011
(131)
tconv
Conversion time
See operating sequence
9
17
µs
Total access and conversion time
See operating sequence
13.3
25
µs
ta
Channel acquisition time (sample cycle)
See operating sequence
4
4
I/O
clock
cylces
tv
Time output data remains valid after
I/O CLOCK
10
10
ns
td
Delay time, I/O CLOCK
↓ to data output
valid
300
400
ns
ten
Output enable time
See Parameter
150
150
ns
tdis
Output disable time
See Parameter
Measurement Information
150
150
ns
tr(bus)
Data bus rise time
300
300
ns
tf(bus)
Data bus fall time
300
300
ns
NOTES:
2. Analog input voltages greater than that applied to REF+ convert to all 1s (11111111) while input voltages less than that applied to
REF– convert to all 0s (00000000). For proper operation, REF+ voltage must be at least 1 V higher than REF– voltage. Also, the
total unadjusted error may increase as this differential reference voltage falls below 4.75 V.
5. Linearity error is the maximum deviation from the best straight line through the A/D transfer characteristics.
6. Zero-scale error is the difference between 00000000 and the converted output for zero input voltage; full-scale error is the difference
between 11111111 and the converted output for full-scale input voltage.
7. Total unadjusted error is the sum of linearity, zero-scale, and full-scale errors.
8. Both the input address and the output codes are expressed in positive logic.


Numéro de pièce similaire - TLC540IDWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC540I TI-TLC540I Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IFN TI-TLC540IFN Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC540IN TI-TLC540IN Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
More results

Description similaire - TLC540IDWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC540I TI-TLC540I Datasheet
164Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI1-TLC542C_14 Datasheet
176Kb / 13P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542C TI-TLC542C Datasheet
169Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLC542 TI1-TLC542 Datasheet
178Kb / 12P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
TLV2543IDB TI-TLV2543IDB Datasheet
558Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543-Q1 TI1-TLC2543-Q1_16 Datasheet
700Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC1542 TI1-TLC1542_13 Datasheet
1Mb / 33P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543CDWR TI-TLC2543CDWR Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLC2543MJB TI-TLC2543MJB Datasheet
1Mb / 34P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV2543IDBR TI1-TLV2543IDBR Datasheet
536Kb / 28P
[Old version datasheet]   12-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com