Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A21366RSER Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5A21366RSER
Description  0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A21366RSER Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TS5A21366RSER Datasheet HTML 5Page - Texas Instruments TS5A21366RSER Datasheet HTML 6Page - Texas Instruments TS5A21366RSER Datasheet HTML 7Page - Texas Instruments TS5A21366RSER Datasheet HTML 8Page - Texas Instruments TS5A21366RSER Datasheet HTML 9Page - Texas Instruments TS5A21366RSER Datasheet HTML 10Page - Texas Instruments TS5A21366RSER Datasheet HTML 11Page - Texas Instruments TS5A21366RSER Datasheet HTML 12Page - Texas Instruments TS5A21366RSER Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
TS5A21366
www.ti.com................................................................................................................................................. SCDS285A – MARCH 2009 – REVISED OCTOBER 2009
ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (continued)
V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
2.5 V
101
137
222
VCOM = V+,
CL= 35 pF,
2.3 V
Turn-on time
tON
ns
RL = 50 Ω,
See Figure 19
Full
to 2.7
68
288
V
25°C
2.5 V
148
264
333
VCOM = V+,
CL = 35 pF,
2.3 V
Turn-off time
tOFF
ns
RL = 50 Ω,
See Figure 19
Full
to 2.7
197
367
V
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
2.5 V
1.3
pC
RGEN = 0,
See Figure 23
NO
VNO = V+ or GND,
CNO(OFF)
See Figure 18
25°C
2.5 V
19
pF
OFF capacitance
Switch OFF,
COM
VNO = V+ or GND,
CCOM(OFF)
See Figure 18
25°C
2.5 V
17
pF
OFF capacitance
Switch OFF,
NO
VNO = V+ or GND,
CNO(ON)
See Figure 18
25°C
2.5 V
27.5
pF
ON capacitance
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 18
25°C
2.5 V
27.5
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 18
25°C
2.5 V
2.5
pF
capacitance
f = 10 kHz,
Power supply
CL = 15 pF,
PSRR
VCOM = 1 Vrms,
25°C
2.5 V
–84
dB
rejection ratio
See Figure 25
RL = 50 Ω,
RL = 50 Ω,
Bandwidth
BW
See Figure 20
25°C
2.5 V
260
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25°C
2.5 V
–61
dB
f = 1 MHz,
See Figure 21
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25°C
2.5 V
–99
dB
f = 1 MHz,
See Figure 22
f = 20 Hz to 20
Total harmonic
RL = 600 Ω,
THD
kHz,
25°C
2.5 V
0.011
%
distortion
CL = 15 pF,
See Figure 24
Supply
25°C
6.6
9
Positive supply
Switch ON or
I+
VI = 1.95 V or GND
2.7 V
µA
current
OFF
Full
10
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TS5A21366


Numéro de pièce similaire - TS5A21366RSER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A21366RSER TI-TS5A21366RSER Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366RSER TI-TS5A21366RSER Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results

Description similaire - TS5A21366RSER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A21366 TI-TS5A21366_1 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366_15 Datasheet
1Mb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A21366 TI-TS5A21366 Datasheet
956Kb / 29P
[Old version datasheet]   0.75-廓 DUAL SPST ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E Datasheet
619Kb / 22P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com