Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6008V8 Fiches technique(PDF) 5 Page - Littelfuse

No de pièce L6008V8
Description  Sensitive Triacs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

L6008V8 Fiches technique(HTML) 5 Page - Littelfuse

  L6008V8 Datasheet HTML 1Page - Littelfuse L6008V8 Datasheet HTML 2Page - Littelfuse L6008V8 Datasheet HTML 3Page - Littelfuse L6008V8 Datasheet HTML 4Page - Littelfuse L6008V8 Datasheet HTML 5Page - Littelfuse L6008V8 Datasheet HTML 6Page - Littelfuse L6008V8 Datasheet HTML 7Page - Littelfuse L6008V8 Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheets
Sensitive Triacs
©2004 Littelfuse, Inc.
E1 - 5
http://www.littelfuse.com
Thyristor Product Catalog
+1 972-580-7777
Electrical Specification Notes
(1) For either polarity of MT2 with reference to MT1 terminal
(2) For either polarity of gate voltage VGT with reference to MT1
terminal
(3) See Gate Characteristics and Definition of Quadrants.
(4) See Figure E1.4 for iT versus vT.
(5) See Figure E1.6 for VGT versus TC.
(6) See Figure E1.7 for IGT versus TC.
(7) See Figure E1.5 for IH versus TC.
(8) See Figure E1.9 for surge rating and specific duration.
(9) See Figure E1.8 for tgt versus IGT.
(10) See Figure E1.2 and Figure E1.3 for maximum allowable case
temperature at maximum rated current.
(11) See Figure E1.1, Figure E1.2, and Figure E1.3 for TA or TC versus
IT(RMS).
(12) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
(13) Pulse width
≤10 µs
(14) TC or TL = TJ for test conditions in off state
(15) Minimum non-trigger VGT at 110 °C is 0.2 V.
Gate Characteristics
Teccor triacs may be turned on between gate and MT1 terminals
in the following ways:
In-phase signals (with standard AC line) using Quadrants I
and III
Application of unipolar pulses (gate always positive or nega-
tive), using Quadrants II and III with negative gate pulses and
Quadrants I and IV with positive gate pulses
When maximum surge capability is required, pulses should be a
minimum of one magnitude above IGT rating with a steep rising
waveform (1 µs rise time).
Definition of Quadrants
VTM
VGT
IH
IGTM
PGM
PG(AV)
ITSM
dv/dt(c)
dv/dt
tgt
I2t
di/dt
(1) (4)
Volts
(2) (5) (15)
Volts
(1) (7)
mAmps
(13)
Amps
(13)
Watts
Watts
(8) (10)
Amps
(1) (10)
Volts/µSec
(1)
Volts/µSec
(9)
µSec
Amps2Sec
Amps/µSec
TC = 25 °C
TC = 25 °C
60/50 Hz
TC = 100 °C
MAX
MAX
MAX
TYP
TYP
TYP
1.6
2
10
1.6
18
0.4
60/50
1
40
3
15
70
1.6
2
10
1.6
18
0.4
60/50
1
30
3
15
70
1.6
2
10
1.6
18
0.4
60/50
1
20
3
15
70
1.6
2
10
1.6
18
0.4
60/50
2
40
3
15
70
1.6
2
10
1.6
18
0.4
60/50
2
30
3
15
70
1.6
2
10
1.6
18
0.4
60/50
2
20
3
15
70
1.6
2
20
1.6
18
0.4
60/50
2
45
3.2
15
70
1.6
2
20
1.6
18
0.4
60/50
2
40
3.2
15
70
1.6
2
20
1.6
18
0.4
60/50
2
30
3.2
15
70
1.6
2
10
1.6
18
0.4
80/65
2
40
3
26.5
70
1.6
2
10
1.6
18
0.4
80/65
2
30
3
26.5
70
1.6
2
10
1.6
18
0.4
80/65
2
20
3
26.5
70
1.6
2
20
1.6
18
0.4
80/65
2
45
3.2
26.5
70
1.6
2
20
1.6
18
0.4
80/65
2
40
3.2
26.5
70
1.6
2
20
1.6
18
0.4
80/65
2
30
3.2
26.5
70
MT2 POSITIVE
(Positive Half Cycle)
MT2 NEGATIVE
(Negative Half Cycle)
MT1
MT2
+ I
GT
REF
QII
MT1
I
GT
GATE
MT2
REF
MT1
MT2
REF
MT1
MT2
REF
QI
QIV
QIII
ALL POLARITIES ARE REFERENCED TO MT1
(
-)
I
GT
GATE
(+)
I
GT -
I
GT
GATE
(
-)
I
GT
GATE
(+)
+
-


Numéro de pièce similaire - L6008V8

FabricantNo de pièceFiches techniqueDescription
logo
Teccor Electronics
L6008V8 TECCOR-L6008V8 Datasheet
168Kb / 8P
   Sensitive Triacs (0.8A to 8A)
logo
Littelfuse
L6008V8 LITTELFUSE-L6008V8 Datasheet
170Kb / 8P
   Sensitive Triacs (0.8 A to 8 A)
logo
Teccor Electronics
L6008V8 TECCOR-L6008V8 Datasheet
178Kb / 8P
   Electrically-isolated packages
logo
Littelfuse
L6008V8 LITTELFUSE-L6008V8 Datasheet
176Kb / 8P
   RoHS Compliant
L6008V856 LITTELFUSE-L6008V856 Datasheet
999Kb / 14P
   8 Amp Sensitive, Standard & Alternistor (High Commutation) Triacs
More results

Description similaire - L6008V8

FabricantNo de pièceFiches techniqueDescription
logo
Tiger Electronic Co.,Lt...
T1635-600G TGS-T1635-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
T2535-600G TGS-T2535-600G Datasheet
71Kb / 1P
   Triacs sensitive gate
logo
Shenzhen Luguang Electr...
BT137-600E LUGUANG-BT137-600E Datasheet
319Kb / 5P
   Sensitive Gate Triacs
logo
Tiger Electronic Co.,Lt...
BT137-600 TGS-BT137-600 Datasheet
90Kb / 1P
   Triacs sensitive gate
BT152-500 TGS-BT152-500 Datasheet
76Kb / 1P
   Triacs sensitive gate
BT137X-600F TGS-BT137X-600F Datasheet
128Kb / 1P
   Triacs sensitive gate
logo
Unisonic Technologies
BTB04 UTC-BTB04 Datasheet
166Kb / 4P
   SENSITIVE GATE TRIACS
BTB04A UTC-BTB04A Datasheet
143Kb / 3P
   SENSITIVE GATE TRIACS
logo
Kersemi Electronic Co.,...
BTB08-700BW KERSEMI-BTB08-700BW Datasheet
817Kb / 4P
   SENSITIVE GATE TRIACS
logo
NXP Semiconductors
BT138B PHILIPS-BT138B Datasheet
51Kb / 6P
   Triacs sensitive gate
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com