Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3A4751 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce TS3A4751
Description  0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS3A4751 Fiches technique(HTML) 2 Page - Texas Instruments

  TS3A4751_14 Datasheet HTML 1Page - Texas Instruments TS3A4751_14 Datasheet HTML 2Page - Texas Instruments TS3A4751_14 Datasheet HTML 3Page - Texas Instruments TS3A4751_14 Datasheet HTML 4Page - Texas Instruments TS3A4751_14 Datasheet HTML 5Page - Texas Instruments TS3A4751_14 Datasheet HTML 6Page - Texas Instruments TS3A4751_14 Datasheet HTML 7Page - Texas Instruments TS3A4751_14 Datasheet HTML 8Page - Texas Instruments TS3A4751_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
PACKAGE THERMAL IMPEDANCE
TS3A4751
SCDS227D – JULY 2006 – REVISED JULY 2008 .............................................................................................................................................................. www.ti.com
ORDERING INFORMATION
TA
PACKAGE(1)(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
SON – RGY
Reel of 2000
TS3A4751RGYR
YC751
–40°C to 85°C
micro QFN – RUC
Reel of 2000
TS3A4751RUCR
3M
TSSOP – PW
Reel of 2000
TS3A4751PWR
YC751
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
FUNCTION TABLE
NO TO COM,
IN
COM TO NO
L
OFF
H
ON
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range referenced to GND(2)
–0.3
4
V
VNO
VCOM
Analog and digital voltage range
–0.3
V+ + 0.3
V
VIN
INO
On-state switch current
VNO, VCOM = 0 to V+
–100
100
mA
ICOM
I+
Continuous current through V+ or GND
±100
mA
IGND
Peak current pulsed at 1 ms, 10% duty cycle
COM, VI/O
±200
mA
TA
Operating temperature range
–40
85
°C
TJ
Junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Signals on COM or NO exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current rating.
UNIT
PW package
88
θ
JA
Package thermal impedance(1)
RGY package
91.6
°C/W
RUC package
216.7
(1)
The package thermal impedance is measured in accordance with JESD 51-7.
2
Submit Documentation Feedback
Copyright © 2006–2008, Texas Instruments Incorporated
Product Folder Link(s): TS3A4751


Numéro de pièce similaire - TS3A4751_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751_15 Datasheet
1Mb / 29P
[Old version datasheet]   TS3A4751 0.9-Ω Low-Voltage, Single-Supply, 4-Channel SPST Analog Switch
REVISED JANUARY 2015
More results

Description similaire - TS3A4751_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
[Old version datasheet]   0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
logo
ams AG
AS1751 AMSCO-AS1751 Datasheet
596Kb / 16P
   High-Speed, Low-Voltage, Single-Supply, 0.9廓, Quad SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
   0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
[Old version datasheet]   0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS5A3167 TI-TS5A3167_15 Datasheet
1Mb / 27P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS5A3166 TI-TS5A3166_08 Datasheet
565Kb / 23P
[Old version datasheet]   0.9-廓 SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
[Old version datasheet]   0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com