Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMB312PD Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce SMB312PD
Description  Self-contained AC-operated Convergent Mode Sensors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

SMB312PD Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  SMB312PD Datasheet HTML 1Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 2Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 3Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 4Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 5Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 6Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 7Page - List of Unclassifed Manufacturers SMB312PD Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MINI-BEAM
® SM2A312CV and SM2A312CV2
Self-contained AC-operated Convergent Mode Sensors
Printed in USA
P/N 03402L7H
• Compact, modulated, self-contained convergent mode
sensors for 24-240V ac operation
• Produces a precise 1.3 mm (0.05 in) diameter sensing spot
at a focus point 16 mm (0.65 in) from the lens surface
(model SM2A312CV) or a 3.0 mm (0.12 in) sensing spot at
43 mm (1.70 in) focus (model SM2A312CV2)
• Switch-selectable for light operate or dark operate
• SPST SCR solid-state output switches up to 300mA; low
leakage current and saturation voltage
• Rugged, epoxy-encapsulated construction: meets NEMA
standards 1, 2, 3, 3S, 4, 4X, 12 and 13; IEC IP67
• Physically and electrically interchangeable with 18 mm
barrel-type photoelectrics
MINI-BEAM Convergent Mode
37.5 mm
1.5 in
30 mm
1.2 in
22.5 mm
0.9 in
15 mm
0.6 in
7.5 mm
0.3 in
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04 in
0.08 in
0.12 in
0.04 in
0.08 in
0.12 in
DISTANCE
SM2A312CV
Convergent Mode
Models
Range
Cable
Supply
Voltage
Output
Type
Excess Gain
Beam Pattern
SM2A312CV
SM2A312CVQD
16 mm
(0.65 in)
Spot
Size
at Focus:
1.3 mm
(0.05 in)
2 m (6.5 ft)
3-Pin Micro QD
24-240V ac
SPST
Solid-state
2-Wire
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
Convergent Mode
SM2A312CV
Performance based on 90% reflectance white test card
Visible red, 650 nm
125 mm
5 in
100 mm
4 in
75 mm
3 in
50 mm
2 in
25 mm
1 in
0
0
1.0 mm
2.0 mm
3.0 mm
1.0 mm
2.0 mm
3.0 mm
0
0.04 in
0.08 in
0.12 in
0.04 in
0.08 in
0.12 in
DISTANCE
SM2A312CV2
Convergent Mode
SM2A312CV2
SM2A312CV2QD
43 mm
(1.7 in)
Spot
Size
at Focus:
3.0 mm
(0.12 in)
2 m (6.5 ft)
3-Pin Micro QD
24-240V ac
SPST
Solid-state
2-Wire
1
10
100
10 mm
.4 in
100 mm
4 in
1000 mm
40 in
1 mm
.04 in
1000
E
X
C
E
S
S
G
A
I
N
DISTANCE
SM2A312CV2
Convergent Mode
For Standard MINI-BEAMs:
i)
9 m (30 ft) cables are available by adding suffix “W/30” to the model number of any cabled sensor (e.g. - SM2A312CV W/30).
ii) A 150 mm (6 in.) long pigtail cable with attached QD connector is available by adding suffix “QDP” to the model number of any
MINI-BEAM sensor (e.g. - SM2A312CVQDP). See page 5 for more information.
iii) A model with a QD connector requires an accessory mating cable. See page 5 for more information.


Numéro de pièce similaire - SMB312PD

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SMB312PD ETC2-SMB312PD Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
logo
Banner Engineering Corp...
SMB312PD BANNER-SMB312PD Datasheet
1Mb / 13P
   MINI-BEAM SME312 Expert Series
More results

Description similaire - SMB312PD

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
   Self-contained DC-operated Diffuse Mode Sensors
SM31E ETC2-SM31E Datasheet
353Kb / 8P
   Self-contained DC-operated Opposed Mode Sensors
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
   Self-contained photoelectric sensors
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
   Miniature self-contained photoelectric sensors in universal housing
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
   Miniature self-contained photoelectric sensors in universal housing
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com