Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MV-157 Fiches technique(PDF) 9 Page - Altech corporation

No de pièce MV-157
Description  PRINTED CIRCUIT BOARD TERMINAL BLOCKS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALTECH [Altech corporation]
Site Internet  http://www.altechcorp.com
Logo ALTECH - Altech corporation

MV-157 Fiches technique(HTML) 9 Page - Altech corporation

Back Button MV-157 Datasheet HTML 5Page - Altech corporation MV-157 Datasheet HTML 6Page - Altech corporation MV-157 Datasheet HTML 7Page - Altech corporation MV-157 Datasheet HTML 8Page - Altech corporation MV-157 Datasheet HTML 9Page - Altech corporation MV-157 Datasheet HTML 10Page - Altech corporation MV-157 Datasheet HTML 11Page - Altech corporation MV-157 Datasheet HTML 12Page - Altech corporation MV-157 Datasheet HTML 13Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
12
Dimensions
" 16A Factory Wiring - UL
" 17.5A Factory Wiring - UL
Dimensions
A
C
L
G
K
I
H
J
D
B
P/2
E
M
P
F
O
A 10.20 mm
B 10.16 mm
C 7.60 mm
D 3.80 mm
E 4.70 mm
F 2.80 mm
G 4.30 mm
H 5.30 mm
I
2.60 mm
J
2.00 mm
K Ø3.00 mm
L 1.10 mm
M 0.70 mm
N–
O 1.40 mm
P 5.08 mm
No. Poles
Cat. #
Length (B) (mm)
Std. Pk.
2
MBES-152
10.2
3
MBES-153
15.2
4
MBES-154
20.3
5
MBES-155
25.4
6
MBES-156
30.5
7
MBES-157
35.6
8
MBES-158
40.6
9
MBES-159
45.7
10
MBES-1510
50.8
11
MBES-1511
55.9
12
MBES-1512
61.0
13
MBES-1513
66.0
14
MBES-1514
71.1
15
MBES-1515
76.2
16
MBES-1516
81.3
17
MBES-1517
86.4
18
MBES-1518
91.4
19
MBES-1519
96.5
20
MBES-1520
101.6
21
MBES-1521
106.7
22
MBES-1522
111.8
23
MBES-1523
116.8
24
MBES-1524
121.9
MBES-15
ELECTRICAL
Current
Voltage
Wire Range
10A"
300V
30-16AWG
17.5A
250V
1.5mm2 Stranded
2.5mm2 Solid
INSTALLATION
DATA
Screw Size
M2.5
PCB Hole Size 1.5mm
Torque
0.4Nm
Stripping Lgth. 6.7mm
(3.6 lbf-in.)
MATERIAL
Body
PA6.8
Screw
Galvanized Steel
Flammability Class
UL94V-0
Terminal
Tin-Plated Brass
Temperature Limit
105˚C UL
Wire Protector Tin-Plated
125˚C IEC
Bronze
Color
Green
K
C
F
G
D
A
B
M
P/2
P
L
E
H
45
°
I
O
J
A 21.10 mm
B 10.00 mm
C 13.00 mm
D 4.95 mm
E 7.00 mm
F 10.10 mm
G 4.00 mm
H 16.30 mm
I
2.80 mm
J 2.80 mm
K Ø3.80 mm
L 0.70 mm
M 0.90 mm
N–
O 8.50 mm
P 5.00 mm
ELECTRICAL
Current
Voltage
Wire Range
15A"
300V
30-14AWG
16A
450V
2.5mm2 Stranded
4.0mm2 Solid
INSTALLATION
DATA
Screw Size
M3
PCB Hole Size 1.3mm
Torque
0.5Nm
Stripping Lgth. 8.3mm
(4.5 lbf-in.)
MATERIAL
Body
PA6.8
Screw
Galvanized Steel
Flammability Class
UL94V-0
Terminal
Tin-Plated Brass
Temperature Limit
105˚C UL
Clamp
Nickeled Brass
125˚C IEC
Color
Green
Pin Spacing: 5.00mm
Orientation: 45°
Clamp Type: Screw Cage
Design:
Modular
No. Poles
Cat. #
Length (B) (mm)
Std. Pk.
2
MI-252 (5.00)
10.0
3
MI-253 (5.00)
15.0
4
MI-254 (5.00)
20.0
5
MI-255 (5.00)
25.0
6
MI-256 (5.00)
30.0
7
MI-257 (5.00)
35.0
8
MI-258 (5.00)
40.0
9
MI-259 (5.00)
45.0
10
MI-2510 (5.00)
50.0
11
MI-2511 (5.00)
55.0
12
MI-2512 (5.00)
60.0
13
MI-2513 (5.00)
65.0
14
MI-2514 (5.00)
70.0
15
MI-2515 (5.00)
75.0
16
MI-2516 (5.00)
80.0
17
MI-2517 (5.00)
85.0
18
MI-2518 (5.00)
90.0
19
MI-2519 (5.00)
95.0
20
MI-2520 (5.00)
100.0
21
MI-2521 (5.00)
105.0
22
MI-2522 (5.00)
110.0
23
MI-2523 (5.00)
115.0
24
MI-2524 (5.00)
120.0
MI-25(5.00)
Fixed PCB Blocks
Pin Spacing: 5.08mm
Orientation: Vertical
Clamp Type: Box with Wire Protector
Design:
Modular
Available in mid 2001
Available in mid 2001
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
20
20
20
20
20
20
20
20
100
100
50
50
50
50
50
50
50
50
50
20
20
20
20
20
20
20
20
20
20
20
20


Numéro de pièce similaire - MV-157

FabricantNo de pièceFiches techniqueDescription
logo
Ohmite Mfg. Co.
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Minimum assembly cost and labor
MV-101-27E OHMITE-MV-101-27E Datasheet
366Kb / 2P
   Heatsink with clips for TO-264 and TO-247
logo
Tyco Electronics
MV-101101-1.3-8A MACOM-MV-101101-1.3-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MV-101165-0.85-8A MACOM-MV-101165-0.85-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
MV-101508-2.5-8A MACOM-MV-101508-2.5-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Description similaire - MV-157

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
XW4 OMRON-XW4 Datasheet
3Mb / 12P
   Terminal block for printed circuit board
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
   Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
   PRINTED CIRCUIT BOARD
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
   Printed-circuit board connector
logo
Omron Electronics LLC
E3S-LS3N OMRON-E3S-LS3N Datasheet
93Kb / 2P
   Printed Circuit Board Sensor
logo
List of Unclassifed Man...
BK-1 ETC2-BK-1 Datasheet
80Kb / 2P
   Printed Circuit Board Fuses
logo
IDEC Corporation
BN-W IDEC-BN-W Datasheet
2Mb / 26P
   Terminal Blocks
BNH IDEC-BNH Datasheet
1Mb / 4P
   Terminal Blocks
logo
Cooper Bussmann, Inc.
16000-3 COOPER-16000-3 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
16021-4 COOPER-16021-4 Datasheet
1Mb / 23P
   Power Distribution Blocks & Terminal Blocks with High Short-Circuit Current Ratings
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com