Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A6542 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TS5A6542
Description  0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A6542 Fiches technique(HTML) 1 Page - Texas Instruments

  TS5A6542_14 Datasheet HTML 1Page - Texas Instruments TS5A6542_14 Datasheet HTML 2Page - Texas Instruments TS5A6542_14 Datasheet HTML 3Page - Texas Instruments TS5A6542_14 Datasheet HTML 4Page - Texas Instruments TS5A6542_14 Datasheet HTML 5Page - Texas Instruments TS5A6542_14 Datasheet HTML 6Page - Texas Instruments TS5A6542_14 Datasheet HTML 7Page - Texas Instruments TS5A6542_14 Datasheet HTML 8Page - Texas Instruments TS5A6542_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
VIO
NC
GND
NO
V+
IN
COM
GND
2
8
3
4
6
7
1
5
A1
A2
B2
C2
D2
B1
C1
D1
TS5A6542
www.ti.com
SCDS211C – AUGUST 2006 – REVISED DECEMBER 2009
0.75-
Ω SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
Check for Samples: TS5A6542
1
FEATURES
Specified Break-Before-Make Switching
COM Port to GND
Low ON-State Resistance (0.75
Ω Max)
8000-V Human-Body Model
(A114-B, Class II)
Control Inputs Referenced to VIO
±15-kV Contact Discharge (IEC 61000-4-2)
Low Charge Injection
Excellent ON-State Resistance Matching
APPLICATIONS
Low Total Harmonic Distortion (THD)
Cell Phones
2.25-V to 5.5-V Power Supply (V+)
PDAs
1.65-V to 1.95-V Logic Supply (VIO)
Portable Instrumentation
Latch-Up Performance Exceeds 100 mA Per
YZP PACKAGE
JESD 78, Class II
(BOTTOM VIEW)
ESD Performance Tested Per JESD 22
4000-V Human-Body Model
(A114-B, Class II)
1000-V Charged-Device Model (C101)
400-V Machine Model (A115-A)
DESCRIPTION/ORDERING INFORMATION
The TS5A6542 is a single-pole double-throw (SPDT) analog switch that is designed to operate from 2.25 V to
5.5 V. The device offers a low ON-state resistance with an excellent channel-to-channel ON-state resistance
matching, and the break-before-make feature to prevent signal distorion during the transferring of a signal from
one path to another. The device has excellent total harmonic distortion (THD) performance and consumes very
low power. These features make this device suitable for portable audio applications.
The TS5A6542 has a separate logic supply pin (VIO) that is characterized to operate from 1.65 V to 1.95 V. VIO
powers the control circuitry, which allows the TS5A6542 to be controlled by 1.8-V signals.
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(3)
NanoFree™ – WCSP (DSBGA)
–40°C to 85°C
0.23-mm Large Bump – YZP
Tape and reel
TS5A6542YZPR
_ _ _ JH7
(Pb-free)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the wafer fab/assembly site. Pin 1 identifier indicates solder-bump composition (1 = SnPb, • = Pb-free).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TS5A6542_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
More results

Description similaire - TS5A6542_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A6542 TI-TS5A6542_15 Datasheet
717Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542_09 Datasheet
420Kb / 22P
[Old version datasheet]   0.75-廓 SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI1-TS5A26542_14 Datasheet
398Kb / 23P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_10 Datasheet
432Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542_15 Datasheet
349Kb / 22P
[Old version datasheet]   0.75-廓 DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A6542 TI-TS5A6542 Datasheet
259Kb / 19P
[Old version datasheet]   0.75-??SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A26542 TI-TS5A26542 Datasheet
321Kb / 21P
[Old version datasheet]   0.75-W DUAL SPDT ANALOG SWITCH WITH INPUT LOGIC TRANSLATION
TS5A12301E TI-TS5A12301E_10 Datasheet
381Kb / 20P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI1-TS5A12301E_14 Datasheet
826Kb / 24P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
TS5A12301E TI-TS5A12301E_15 Datasheet
777Kb / 23P
[Old version datasheet]   IEC LEVEL 4 ESD-PROTECTED 0.75-廓 SPDT ANALOG SWITCH WITH 1.8-V COMPATIBLE INPUT LOGIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com