Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A22362DGSR Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5A22362DGSR
Description  0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A22362DGSR Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TS5A22362DGSR Datasheet HTML 4Page - Texas Instruments TS5A22362DGSR Datasheet HTML 5Page - Texas Instruments TS5A22362DGSR Datasheet HTML 6Page - Texas Instruments TS5A22362DGSR Datasheet HTML 7Page - Texas Instruments TS5A22362DGSR Datasheet HTML 8Page - Texas Instruments TS5A22362DGSR Datasheet HTML 9Page - Texas Instruments TS5A22362DGSR Datasheet HTML 10Page - Texas Instruments TS5A22362DGSR Datasheet HTML 11Page - Texas Instruments TS5A22362DGSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TS5A22362, TS5A22364
SCDS261E – MARCH 2008 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY
(1)
(continued)
V+ = 3 V to 3.6 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25°C
3.3 V
34
80
VCOM = V+,
CL = 35 pF,
Turn-on time
tON
ns
3 V to
RL = 300 Ω,
See Figure 20
Full
80
3.6 V
25°C
3.3 V
19
70
VCOM = V+,
CL = 35 pF,
Turn-off time
tOFF
ns
3 V to
RL = 300 Ω,
See Figure 20
Full
70
3.6 V
Break-before-
See Figure 21 for TS5A22362
tBBM
25°C
3.3 V
1
7
ns
make time
See Figure 22 for TS5A22364
VGEN = 0,
CL = 1 nF,
Charge injection
QC
25°C
3.3 V
150
pC
RGEN = 0,
See Figure 26
NC, NO
OFF capacitance
CNC(OFF),
VNC or VNO = V+ or
See Figure 19
25°C
3.3 V
70
pF
(TS5A22362
CNO(OFF)
V+ – 5.5 V,
only)
NC, NO, COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 19
25°C
3.3 V
370
pF
ON capacitance
f = 10 MHz
Digital input
CI
VI = V+ or GND
See Figure 19
25°C
3.3 V
2.6
pF
capacitance
Switch ON,
Bandwidth
BW
RL = 50 Ω, –3 dB
25°C
3.3 V
17.5
MHz
See Figure 21
f = 100 kHz,
OFF isolation
OISO
RL = 50 Ω,
25°C
3.3 V
–68
dB
See Figure 24
f = 100 kHz,
Crosstalk
XTALK
RL = 50 Ω,
25°C
3.3 V
–76
dB
See Figure 25
f = 20 Hz to 20
Total harmonic
RL = 600 Ω,
THD
kHz,
25°C
3.3 V
0.008
%
distortion
CL = 15 pF,
See Figure 27
Supply
25°C
0.1
1.2
VI = V+ or GND
3.6 V
μA
Positive
I+
Full
1.3
supply current
VI = V+ –5.5 V
Full
3.6 V
3.4
μA
8
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: TS5A22362 TS5A22364


Numéro de pièce similaire - TS5A22362DGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A22362DGSR TI-TS5A22362DGSR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362DGSR TI-TS5A22362DGSR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362DGSR TI-TS5A22362DGSR Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362DGSR TI1-TS5A22362DGSR Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362DGSR TI1-TS5A22362DGSR Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
More results

Description similaire - TS5A22362DGSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A22362 TI1-TS5A22362_11 Datasheet
1Mb / 30P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_10 Datasheet
992Kb / 27P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22362 TI-TS5A22362_1 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-廓 DUAL SPDT ANALOG SWITCHES WITH NEGATIVE SIGNALING CAPABILITY
TS5A22364 TI-TS5A22364_15 Datasheet
1Mb / 31P
[Old version datasheet]   TS5A22364 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI-TS5A22364-Q1_15 Datasheet
148Kb / 5P
[Old version datasheet]   TS5A22364-Q1 0.65-廓 Dual SPDT Analog Switches With Negative Signaling Capability
TS5A22364-Q1 TI1-TS5A22364-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   0.65- Dual SPDT Analog Switch with Negative Signaling Capability
TS5A22362 TI1-TS5A22362_17 Datasheet
1Mb / 28P
[Old version datasheet]   0.65-ohm 2-channel SPDT Analog Switches With Negative Signaling Capability
TS5A22362 TI1-TS5A22362_15 Datasheet
1Mb / 30P
[Old version datasheet]   2-channel SPDT Analog Switches With Negative Signaling Capability
TS12A12511 TI-TS12A12511_15 Datasheet
1Mb / 27P
[Old version datasheet]   TS12A12511 5-廓 Single-Channel SPDT Analog Switch With Negative Signaling Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com