Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM111JAN Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce LM111JAN
Description  Voltage Comparator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM111JAN Fiches technique(HTML) 5 Page - Texas Instruments

  LM111JAN_14 Datasheet HTML 1Page - Texas Instruments LM111JAN_14 Datasheet HTML 2Page - Texas Instruments LM111JAN_14 Datasheet HTML 3Page - Texas Instruments LM111JAN_14 Datasheet HTML 4Page - Texas Instruments LM111JAN_14 Datasheet HTML 5Page - Texas Instruments LM111JAN_14 Datasheet HTML 6Page - Texas Instruments LM111JAN_14 Datasheet HTML 7Page - Texas Instruments LM111JAN_14 Datasheet HTML 8Page - Texas Instruments LM111JAN_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM111JAN
www.ti.com
SNOSAM9B – JULY 2008 – REVISED MARCH 2013
LM111 JAN Electrical Characteristics DC Parameters (continued)
The following conditions apply, unless otherwise specified.
DC:
VCC = ±15V, VCM = 0
Sub-
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
groups
IIOR
Raised Input Offset Current
VI = 0V, RS = 50KΩ
-25
+25
nA
1, 2
See(1)
-50
+50
nA
3
±IIB
Input Bias Current
VI = 0V, RS = 50KΩ
-100
0.1
nA
1, 2
-150
0.1
nA
3
+VCC = 29.5V, -VCC = -0.5V,
-150
0.1
nA
1, 2
VI = 0V, VCM = -14.5V,
-200
0.1
nA
3
RS = 50KΩ
+VCC = 2V, -VCC = -28V,
-150
0.1
nA
1, 2
VI = 0V, VCM = +13V,
-200
0.1
nA
3
RS = 50KΩ
VOSt
Collector Output Voltage (Strobe)
+VI = Gnd, -VI = 15V,
See(2)
14
V
1, 2, 3
ISt = -3mA, RS = 50Ω
CMRR
Common Mode Rejection
-28V
≤ -VCC ≤ -0.5V, RS=50Ω, 2V ≤
+VCC ≤ 29.5V, RS = 50Ω, -14.5V ≤
80
dB
1, 2, 3
VCM ≤ 13V,RS = 50Ω
VOL
Low Level Output Voltage
+VCC = 4.5V, -VCC = Gnd,
IO = 8mA, ±VI = 0.5V,
See(3)
0.4
V
1, 2, 3
VID = -6mV
+VCC = 4.5V, -VCC = Gnd,
IO = 8mA, ±VI = 3V,
See(3)
0.4
V
1, 2, 3
VID = -6mV
IO = 50mA, ±VI = 13V,
See(3)
1.5
V
1, 2, 3
VID = -5mV
IO = 50mA, ±VI = -14V,
See(3)
1.5
V
1, 2, 3
VID = -5mV
ICEX
Output Leakage Current
+VCC = 18V, -VCC = -18V,
-1.0
10
nA
1
VO = 32V
-1.0
500
nA
2
IIL
Input Leakage Current
+VCC = 18V, -VCC = -18V,
-5.0
500
nA
1, 2, 3
+VI = +12V, -VI = -17V
+VCC = 18V, -VCC = -18V,
-5.0
500
nA
1, 2, 3
+VI = -17V, -VI = +12V
+ICC
Power Supply Current
6.0
mA
1, 2
7.0
mA
3
-ICC
Power Supply Current
-5.0
mA
1, 2
-6.0
mA
3
Δ VIO / Δ T
Temperature Coefficient Input
25°C
≤ T ≤ 125°C
See(4)
-25
25
uV/°C
2
Offset Voltage
-55°C
≤ T ≤ 25°C
See(4)
-25
25
uV/°C
3
Δ IIO / Δ T
Temperature Coefficient Input
25°C
≤ T ≤ 125°C
See(4)
-100
100
pA/°C
2
Offset Current
-55°C
≤ T ≤ 25°C
See(4)
-200
200
pA/°C
3
IOS
Short Circuit Current
VO = 5V, t ≤ 10mS, -VI = 0.1V,
200
mA
1
+VI = 0V
150
mA
2
250
mA
3
+VIO adj.
Input Offset Voltage (Adjustment)
VO = 0V, VI = 0V, RS = 50Ω
5.0
mV
1
-VIO adj.
Input Offset Voltage (Adjustment)
VO = 0V, VI = 0V, RS = 50Ω
-5.0
mV
1
±AVE
Voltage Gain (Emitter)
RL = 600Ω
See(5)
10
V/mV
4
See(5)
8.0
V/mV
5, 6
(2)
IST = −2mA at −55°C
(3)
VID is voltage difference between inputs.
(4)
Calculated parameter.
(5)
Datalog reading in K=V/mV.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM111JAN


Numéro de pièce similaire - LM111JAN_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
More results

Description similaire - LM111JAN_14

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M51206TL MITSUBISHI-M51206TL Datasheet
115Kb / 4P
   VOLTAGE COMPARATOR?
logo
Linear Technology
LT1011A LINER-LT1011A_15 Datasheet
294Kb / 20P
   Voltage Comparator
logo
Austin Semiconductor
AS111 AUSTIN-AS111 Datasheet
2Mb / 21P
   Voltage Comparator
AS111R AUSTIN-AS111R Datasheet
1Mb / 22P
   Voltage Comparator
logo
National Semiconductor ...
LM111JAN NSC-LM111JAN Datasheet
798Kb / 26P
   Voltage Comparator
logo
Linear Technology
RH1011 LINER-RH1011 Datasheet
144Kb / 4P
   Voltage Comparator
logo
JSC ALFA.
AS527 ALFA-AS527 Datasheet
207Kb / 3P
   Voltage comparator
logo
National Semiconductor ...
MDLM111-X NSC-MDLM111-X Datasheet
303Kb / 17P
   VOLTAGE COMPARATOR
logo
NXP Semiconductors
NE527 PHILIPS-NE527 Datasheet
131Kb / 5P
   Voltage comparator
August 31, 1994
logo
Linear Technology
RH111 LINER-RH111 Datasheet
143Kb / 4P
   Voltage Comparator
RH1011 LINER-RH1011_15 Datasheet
70Kb / 2P
   Voltage Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com