Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC3704CDRG4 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce TLC3704CDRG4
Description  QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3704CDRG4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TLC3704CDRG4 Datasheet HTML 6Page - Texas Instruments TLC3704CDRG4 Datasheet HTML 7Page - Texas Instruments TLC3704CDRG4 Datasheet HTML 8Page - Texas Instruments TLC3704CDRG4 Datasheet HTML 9Page - Texas Instruments TLC3704CDRG4 Datasheet HTML 10Page - Texas Instruments TLC3704CDRG4 Datasheet HTML 11Page - Texas Instruments TLC3704CDRG4 Datasheet HTML 12Page - Texas Instruments TLC3704CDRG4 Datasheet HTML 13Page - Texas Instruments TLC3704CDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
TLC3704, TLC3704M
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117C − NOVEMBER 1986 − REVISED NOVEMBER 2009
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
circuit-design considerations (continued)
Figure 2
VDD
VDD + 4
VDD + 8
VDD + 12
VI − Input Voltage − V
INPUT CURRENT
vs
INPUT VOLTAGE
TA = 25° C
8
7
6
5
4
3
2
1
0
Figure 3
VDD − 0.3
VI − Input Voltage − V
INPUT CURRENT
vs
INPUT VOLTAGE
TA = 25° C
VDD − 0.5
VDD − 0.7
VDD − 0.9
10
9
8
7
6
5
4
3
2
1
0
+
1/2
TLC3704
Vref
VI
VDD
See Note A
RI
NOTE A: If the correct input state is required when the negative input exceeds GND, a Schottky clamp is required.
Negative Voltage Input Current Limit :
R
I +
* V
I * VDD * (* 0.3 V)
5mA
R
I +
V
I * VDD * 0.3 V
5mA
Positive Voltage Input Current Limit :
Figure 4. Typical Input Current-Limiting Configuration for a LinCMOS Comparator


Numéro de pièce similaire - TLC3704CDRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC3704CDRG4 TI1-TLC3704CDRG4 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results

Description similaire - TLC3704CDRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
[Old version datasheet]   QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_14 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702CDR TI-TLC3702CDR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com