Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC3704CDR Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC3704CDR
Description  QUAD MICROPOWER LinCMOS. VOLTAGE COMPARATORS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC3704CDR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button TLC3704CDR Datasheet HTML 3Page - Texas Instruments TLC3704CDR Datasheet HTML 4Page - Texas Instruments TLC3704CDR Datasheet HTML 5Page - Texas Instruments TLC3704CDR Datasheet HTML 6Page - Texas Instruments TLC3704CDR Datasheet HTML 7Page - Texas Instruments TLC3704CDR Datasheet HTML 8Page - Texas Instruments TLC3704CDR Datasheet HTML 9Page - Texas Instruments TLC3704CDR Datasheet HTML 10Page - Texas Instruments TLC3704CDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
TLC3704, TLC3704M
QUAD MICROPOWER LinCMOS
 VOLTAGE COMPARATORS
SLCS117C − NOVEMBER 1986 − REVISED NOVEMBER 2009
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VDD = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TLC3704C, TLC3704I
TLC3704M, TLC3704Q
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Overdrive = 2 mV
4.5
f10 kH
Overdrive = 5 mV
2.7
t
Propagation delay time low to high level output
f = 10 kHz,
CL =50pF
Overdrive = 10 mV
1.9
s
tPLH
Propagation delay time, low-to-high-level output
CL = 50 pF
Overdrive = 20 mV
1.4
µs
Overdrive = 40 mV
1.1
VI = 1.4-V step at IN +
1.1
Overdrive = 2 mV
4
f10 kH
Overdrive = 5 mV
2.3
t
Propagation delay time high to low level output
f = 10 kHz,
CL =50pF
Overdrive = 10 mV
1.5
s
tPHL
Propagation delay time, high-to-low-level output
CL = 50 pF
Overdrive = 20 mV
0.95
µs
Overdrive = 40 mV
0.65
VI = 1.4-V step at IN +
0.15
tf
Fall time
f = 10 kHz,
CL = 50 pF
Overdrive = 50 mV
50
ns
tr
Rise time
f = 10 kHz,
CL = 50 pF
Overdrive = 50 mV
125
ns
Simultaneous switching of inputs causes degradation in output response.


Numéro de pièce similaire - TLC3704CDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC3704CDR TI-TLC3704CDR Datasheet
350Kb / 31P
[Old version datasheet]   QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC3704CDR TI1-TLC3704CDR Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704CDRG4 TI1-TLC3704CDRG4 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results

Description similaire - TLC3704CDR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
[Old version datasheet]   QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
[Old version datasheet]   QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702-Q1 TI1-TLC3702-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_16 Datasheet
1Mb / 38P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702MDRG4 TI1-TLC3702MDRG4 Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS VOLTAGE COMPARATORS
TLC3702 TI-TLC3702_V01 Datasheet
1Mb / 39P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702 TI1-TLC3702_14 Datasheet
1Mb / 37P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
TLC3702CDR TI-TLC3702CDR Datasheet
1Mb / 36P
[Old version datasheet]   DUAL MICROPOWER LinCMOS??VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
   MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com