Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A2053 Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5A2053
Description  SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A2053 Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TS5A2053 Datasheet HTML 4Page - Texas Instruments TS5A2053 Datasheet HTML 5Page - Texas Instruments TS5A2053 Datasheet HTML 6Page - Texas Instruments TS5A2053 Datasheet HTML 7Page - Texas Instruments TS5A2053 Datasheet HTML 8Page - Texas Instruments TS5A2053 Datasheet HTML 9Page - Texas Instruments TS5A2053 Datasheet HTML 10Page - Texas Instruments TS5A2053 Datasheet HTML 11Page - Texas Instruments TS5A2053 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TS5A2053
SINGLECHANNEL 10 W SPDT ANALOG SWITCH
WITH ENABLE
SCDS183A – JANUARY 2005 – REVISED APRIL 2006
www.ti.com
8
Electrical Characteristics for 2.5-V Supply(1) (continued)
V+ = 2.3 V to 2.7 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
Turn-on time
tON
VCOM = 1.5 V,
CL = 35 pF,
25
°C
2.5 V
5.9
7.1
9.3
ns
Turn-on time
tON
VCOM = 1.5 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
2.3 V to 2.7 V
5.1
10
ns
Turn-off time
tOFF
VCOM = 1.5 V,
CL = 35 pF,
25
°C
2.5 V
2.1
3.2
5.1
ns
Turn-off time
tOFF
VCOM = 1.5 V,
RL = 300 Ω,
CL = 35 pF,
See Figure 17
Full
2.3 V to 2.7 V
1.2
5.2
ns
Charge injection
QC
VGEN = 0,
RGEN = 0
CL = 0.1 nF,
See Figure 21
25
°C
2.5 V
0.5
pC
NO, NC
OFF capacitance
CNO(OFF)
CNC(OFF)
VNO or VNC = V+ or GND,
Switch OFF,
See Figure 16
25
°C
2.5 V
6.5
pF
COM
OFF capacitance
CCOM(OFF)
VCOM = V+ or GND,
Switch OFF,
See Figure 16
25
°C
2.5 V
10
pF
NO, NC
ON capacitance
CNO(ON)
CNC(ON)
VNO or VNC = V+ or GND,
Switch ON,
See Figure 16
25
°C
2.5 V
18.5
pF
COM
ON capacitance
CCOM(ON)
VCOM = V+ or GND,
Switch ON,
See Figure 16
25
°C
2.5 V
18.5
pF
Digital input
capacitance
CI
VI = V+ or GND,
See Figure 16
25
°C
2.5 V
3
pF
Bandwidth
BW
RL = 50 Ω,
Switch ON,
See Figure 18
25
°C
2.5 V
320
MHz
OFF isolation
OISO
RL = 50 Ω,
f = 10 MHz,
Switch OFF,
See Figure 19
25
°C
2.5 V
−64
dB
Crosstalk
XTALK
RL = 50 Ω,
f = 10 MHz,
Switch ON,
See Figure 20
25
°C
2.5 V
−68
dB
Total harmonic
distortion
THD
RL = 600 Ω,
CL = 50 pF,
f = 20 Hz to 20 kHz,
See Figure 22
25
°C
2.5 V
0.26
%
Supply
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
25
°C
2.7 V
0.1
1
A
Positive supply
current
I+
VI = V+ or GND,
Switch ON or OFF
Full
2.7 V
5
µA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Numéro de pièce similaire - TS5A2053

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A2053 TI-TS5A2053 Datasheet
310Kb / 23P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPDT ANALOG SWITCH WITH ENABLE
TS5A2053 TI-TS5A2053 Datasheet
576Kb / 26P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
TS5A2053DCTR TI-TS5A2053DCTR Datasheet
310Kb / 23P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPDT ANALOG SWITCH WITH ENABLE
TS5A2053DCTR TI-TS5A2053DCTR Datasheet
576Kb / 26P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
TS5A2053DCTRE4 TI-TS5A2053DCTRE4 Datasheet
576Kb / 26P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
More results

Description similaire - TS5A2053

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A2053 TI-TS5A2053_09 Datasheet
576Kb / 26P
[Old version datasheet]   SINGLE-CHANNEL 10-R SPDT ANALOG SWITCH WITH ENABLE
TS5A2053 TI-TS5A2053_15 Datasheet
912Kb / 28P
[Old version datasheet]   SINGLE-CHANNEL 10 SPDT ANALOG SWITCH WITH ENABLE
TS5A2053 TI-TS5A2053 Datasheet
310Kb / 23P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPDT ANALOG SWITCH WITH ENABLE
TS5A3159 TI-TS5A3159_09 Datasheet
612Kb / 26P
[Old version datasheet]   1-R SPDT ANALOG SWITCH
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564_12 Datasheet
316Kb / 11P
   Low-Voltage, Dual-Supply,SPDT Analog Switch with Enable
Rev 2; 10/12
logo
Pericom Semiconductor C...
PI3A412E PERICOM-PI3A412E Datasheet
774Kb / 9P
   0.5廓, 3.3V, Quad SPDT Analog Switch with Enable
logo
Maxim Integrated Produc...
MAX4564 MAXIM-MAX4564 Datasheet
237Kb / 12P
   Low-Voltage, Dual-Supply, SPDT Analog Switch with Enable
Rev 1; 10/03
logo
Vishay Siliconix
DG469 VISHAY-DG469 Datasheet
185Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. C, 17-Dec-07
DG469 VISHAY-DG469_09 Datasheet
134Kb / 9P
   High Voltage, Single and Dual Supply SPDT Analog Switch with Enable Pin
Rev. D, 08-Jun-09
logo
Texas Instruments
1633921 TI-1633921 Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com