Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS5A4594 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce TS5A4594
Description  SINGLE-CHANNEL 8- SPST ANALOG SWITCH
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A4594 Fiches technique(HTML) 4 Page - Texas Instruments

  TS5A4594 Datasheet HTML 1Page - Texas Instruments TS5A4594 Datasheet HTML 2Page - Texas Instruments TS5A4594 Datasheet HTML 3Page - Texas Instruments TS5A4594 Datasheet HTML 4Page - Texas Instruments TS5A4594 Datasheet HTML 5Page - Texas Instruments TS5A4594 Datasheet HTML 6Page - Texas Instruments TS5A4594 Datasheet HTML 7Page - Texas Instruments TS5A4594 Datasheet HTML 8Page - Texas Instruments TS5A4594 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TS5A4594
SINGLE-CHANNEL 8-
W SPST ANALOG SWITCH
SCDS179 – FEBRUARY 2005
www.ti.com
4
Electrical Characteristics for 5-V Supply(1) (continued)
V+ = 4.5 V to 5.5 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
Turn on time
t
VNO = 3 V,
SFi
17
25
°C
5 V
12
17
Turn-on time
tON
VNO = 3 V,
RL = 300 Ω, CL = 35 pF,
See Figure 17
Full
4.5 V to 5.5 V
19
ns
Turn off time
t
VCOM = 3 V,
SFi
17
25
°C
5 V
9
14
Turn-off time
tOFF
VCOM = 3 V,
RL = 300 Ω, CL = 35 pF,
See Figure 17
Full
4.5 V to 5.5 V
17
ns
Charge injection
QC
VGEN = 0, RGEN = 0
CL = 1 nF,
See Figure 20
25
°C
5 V
2
5
pC
NO
OFF capacitance
CNO(OFF)
VNO = 0 V, f = 1 MHz
Switch OFF,
See Figure 16
25
°C
5 V
6.5
pF
COM
OFF capacitance
CCOM(OFF)
VCOM = 0 V, f = 1 MHz,
Switch OFF,
See Figure 16
25
°C
5 V
6.5
pF
NO
ON capacitance
CNO(ON))
VNO = 0 V, f = 1 MHz,
Switch ON,
See Figure 16
25
°C
5 V
13
pF
COM
ON capacitance
CCOM(ON)
VCOM = 0 V, f = 1 MHz,
Switch ON,
See Figure 16
25
°C
5 V
13
pF
Digital input
capacitance
CI
VI = 0 V,
See Figure 16
25
°C
5 V
3
pF
Bandwidth
BW
RL = 50 Ω,
Signal = 0 dBm,
Switch ON,
See Figure 18
25
°C
5 V
450
MHz
OFF isolation
OISO
RL = 50 Ω, VNO = 1 VRMS
f = 1 MHz, CL = 5 pF
Switch OFF,
See Figure 19
25
°C
5 V
−82
dB
Total harmonic
distortion
THD
RL = 600 Ω, CL = 50 pF,
VSOURCE = 5 Vp-p,
f = 20 Hz to 20 kHz,
See Figure 21
25
°C
5 V
0.04
%
Supply
Positive supply
I
V
V or GND
Switch ON or OFF
25
°C
5.5 V
0.01
0.25
A
Positive supply
current
I+
VI = V+ or GND,
Switch ON or OFF
Full
5.5 V
1
μA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum


Numéro de pièce similaire - TS5A4594

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TS5A4594 TI-TS5A4594 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594 TI-TS5A4594 Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4594DBVR TI-TS5A4594DBVR Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
TS5A4594DBVR TI-TS5A4594DBVR Datasheet
456Kb / 18P
[Old version datasheet]   SINGLE-CHANNEL 8-R SPST ANALOG SWITCH
TS5A4594DBVRE4 TI-TS5A4594DBVRE4 Datasheet
157Kb / 14P
[Old version datasheet]   SINGLE-CHANNEL 8-ohm SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com