Moteur de recherche de fiches techniques de composants électroniques |
|
SMBJ100CA Fiches technique(PDF) 3 Page - Diodes Incorporated |
|
SMBJ100CA Fiches technique(HTML) 3 Page - Diodes Incorporated |
3 / 5 page SMBJ5.0(C)A - SMBJ170(C)A Document number: DS19002 Rev. 17 - 2 3 of 5 www.diodes.com June 2009 © Diodes Incorporated SMBJ5.0(C)A - SMBJ170(C)A 10 X 1000 Waveform as defined by REA 0 25 50 75 100 125 150 175 200 100 75 50 25 0 T , AMBIENT TEMPERATURE ( C) Fig. 1 Pulse Derating Curve A ° 1 10 100 1000 10 100 1000 10,000 V , REVERSE STANDOFF VOLTAGE (V) Fig. 2 Typical Total Capacitance RWM T = 25 C j ° f = 1.0 MHz V = 50 mV p-p sig Measured at zero bias Uni-directional Bi-directional 0.1 1.0 0.1 10 100 1.0 10 1000 10000 T = 25 C j ° 100 Non Repetitive Pulse Waveform Shown in Fig. 4 t, TIME (ms) Fig. 4 Pulse Waveform 0 120 100 80 60 40 20 2 5 10 NUMBER OF CYCLES AT 60Hz Fig. 5 Maximum Non-Repetitive Surge Current 20 50 100 1 Pulse Width 8.3ms Single Half-Sine-Wave 0.0 1.0 2.0 3.0 025 50 75 100 125 150 175 200 T , LEAD TEMPERATURE ( C) Fig. 6 Steady State Power Derating Curve L ° 4.0 5.0 |
Numéro de pièce similaire - SMBJ100CA |
|
Description similaire - SMBJ100CA |