Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3421S Fiches technique(PDF) 6 Page - Microsemi Corporation

No de pièce 2N3421S
Description  NPN MEDIUM POWER SILICON TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3421S Fiches technique(HTML) 6 Page - Microsemi Corporation

  2N3421S Datasheet HTML 1Page - Microsemi Corporation 2N3421S Datasheet HTML 2Page - Microsemi Corporation 2N3421S Datasheet HTML 3Page - Microsemi Corporation 2N3421S Datasheet HTML 4Page - Microsemi Corporation 2N3421S Datasheet HTML 5Page - Microsemi Corporation 2N3421S Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
T4-LDS-0192-1, Rev. 1 (111684)
©2011 Microsemi Corporation
Page 6 of 6
2N3418S thru 2N3421S
PACKAGE DIMENSIONS
1.
Dimensions are in inches.
2.
Millimeters are given for general information only.
3.
Symbol TL is measured from HD maximum.
4.
Details of outline in this zone are optional.
5.
Symbol CD shall not vary more than .010 inch (0.25 mm) in zone P. This zone is controlled for automatic handling.
6.
Leads at gauge plane .054 inch (1.37 mm) +.001 inch (0.03 mm) -.000 inch (0.00 mm) below seating plane shall be within .007 inch (0.18 mm)
radius of TP relative to tab. Device may be measured by direct methods or by gauge.
7.
Symbol LU applies between L1 and L2. Dimension LD applies between L2 and LL minimum. Diameter is uncontrolled in L1 and beyond LL
minimum.
8.
Lead number 3 is electrically connected to case.
9.
Beyond r maximum, TW shall be held for a minimum length of .021 inch (0.53 mm).
10. Lead number 4 omitted on this variation.
11. Symbol r applied to both inside corners of tab.
12. For transistor types 2N3418S, 2N3419S, 2N3420S, 2N3421S, LL is .500 (12.70 mm) minimum and .750 (19.05 mm) maximum.
13. In accordance with ASME Y14.5M, diameters are equivalent to
Φx symbology.
14. Lead 1 is emitter, lead 2 is base, and lead 3 is collector.
Dimensions
Symbol
Inches
Millimeters
Note
Min
Max
Min
Max
CD
.305
.335
7.75
8.51
CH
.240
.260
6.10
6.60
HD
.335
.370
8.51
9.40
LC
.200 TP
5.08 TP
6
LD
.016
.021
0.41
0.53
LL
.500
.750
12.7
19.05
7
LU
See notes 7, 13, 14
L1
.050
1.27
7
L2
.250
6.35
7
P
.100
2.54
5
Q
.040
1.02
4
TL
.029
.045
0.74
1.14
3, 10
TW
.028
.034
0.71
.86
9, 10
r
.010
0.25
11
α
45
° TP
45
° TP
6


Numéro de pièce similaire - 2N3421S

FabricantNo de pièceFiches techniqueDescription
logo
M/A-COM Technology Solu...
2N3421S MA-COM-2N3421S Datasheet
484Kb / 4P
   NPN Medium Power Silicon Transistor
logo
Microsemi Corporation
2N3421S MICROSEMI-2N3421S Datasheet
50Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR
2N3421SJAN MICROSEMI-2N3421SJAN Datasheet
55Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
2N3421SJANTX MICROSEMI-2N3421SJANTX Datasheet
55Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
2N3421SJANTXV MICROSEMI-2N3421SJANTXV Datasheet
55Kb / 2P
   NPN MEDUIM POWER SILICON TRANSISTOR Qualified per MIL-PRF-19500/393
More results

Description similaire - 2N3421S

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
JAN2N1480 MICROSEMI-JAN2N1480 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
2N4237 MICROSEMI-2N4237 Datasheet
56Kb / 2P
   NPN MEDIUM POWER SILICON TRANSISTOR
logo
SeCoS Halbleitertechnol...
BCP56 SECOS-BCP56_15 Datasheet
173Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
2N1479 MICROSEMI-2N1479 Datasheet
55Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
SeCoS Halbleitertechnol...
PZTA44-C SECOS-PZTA44-C Datasheet
235Kb / 2P
   NPN Silicon Medium Power Transistor
logo
Microsemi Corporation
JAN2N1479 MICROSEMI-JAN2N1479 Datasheet
57Kb / 2P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Seme LAB
2N3441 SEME-LAB-2N3441 Datasheet
13Kb / 2P
   MEDIUM POWER SILICON NPN TRANSISTOR
logo
STMicroelectronics
BUV26 STMICROELECTRONICS-BUV26 Datasheet
62Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
BUV26 STMICROELECTRONICS-BUV26_03 Datasheet
57Kb / 4P
   MEDIUM POWER NPN SILICON TRANSISTOR
logo
Microsemi Corporation
2N1483 MICROSEMI-2N1483 Datasheet
55Kb / 3P
   NPN SILICON MEDIUM POWER TRANSISTOR
logo
Leshan Radio Company
L2SC2411KQLT1G LRC-L2SC2411KQLT1G Datasheet
148Kb / 4P
   Medium Power Transistor NPN silicon
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com