Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCPL-273L Fiches technique(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HCPL-273L
Description  Low Input Current, High Gain, LVTTL/LVCMOS Compatible Optocouplers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-273L Fiches technique(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-273L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-273L Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Insulation and Safety Related Specifications
8-Pin DIP
(300 Mil)
SO-8
Parameter
Symbol
Value
Value
Units
Conditions
Minimum External Air
L (101)
7.1
4.9
mm
Measured from input terminals to output
Gap (External Clearance)
terminals, shortest distance through air.
Minimum External Tracking
L (102)
7.4
4.8
mm
Measured from input terminals to output
(External Creepage)
terminals, shortest distance path along body.
Minimum Internal Plastic
0.08
0.08
mm
Through insulation distance, conductor to
Gap (Internal Clearance)
conductor, usually the direct distance
between the photoemitter and photodetector
inside the optocoupler cavity.
Tracking Resistance
CTI
200
200
Volts
DIN IEC 112/VDE 0303 Part 1.
(Comparative Tracking
Index)
Isolation Group
IIIa
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1).
IEC/EN/DIN EN 60747-5-2 Insulation Related Characteristics
8-pin DIP
Description
Symbol
(300 mil)
SO-8
Units
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage ≤ 150 V rms
I-IV
for rated mains voltage ≤ 300 V rms
I-IV
I-III
for rated mains voltage ≤ 600 V rms
I-III
I-II
Climatic Classification
55/100/21
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
2
Maximum Working Insulation Voltage
VIORM
630
566
Vpeak
Input to Output Test Voltage, Method b*
VPR = 1.875 x VIORM, 100% Production Test with tP = 1 sec,
VPR
1181
1063
Vpeak
Partial Discharge < 5 pC
Input to Output Test Voltage, Method a*
VPR = 1.5 x VIORM, Type and Sample Test,
VPR
945
849
Vpeak
tP = 60 sec, Partial Discharge < 5 pC
Highest Allowable Overvoltage*
VIOTM
6000
4000
Vpeak
(Transient Overvoltage, tini = 10 sec)
Safety Limiting Values
(Maximum values allowed in the event of a failure,
also see Figure 11, Thermal Derating curve.)
Case Temperature
TS
175
150
˚C
Current (Input Current IF, PS = 0)
IS,INPUT
400
150
mA
Output Power
PS,OUTPUT
600
600
mW
Insulation Resistance at TS, VIO = 500 V
RS
≥ 109
≥ 109
*Refer to the front of the optocoupler section of the current catalog, under Product Safety Regulations section, IEC/EN/DIN EN 60747-5-2, for a detailed description.
Note: Isolation characteristics are guaranteed only within the safety maximum ratings which must be ensured by protective circuits in application.


Numéro de pièce similaire - HCPL-273L

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL-273L HP-HCPL-273L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-273L AVAGO-HCPL-273L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
More results

Description similaire - HCPL-273L

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HCPL270L HP-HCPL270L Datasheet
184Kb / 12P
   Low Input Current High Gain LVTTL/LVCMOS Compatible 3.3 V Optocouplers
logo
Fairchild Semiconductor
FOD070L FAIRCHILD-FOD070L Datasheet
352Kb / 17P
   LVTTL/LVCMOS COMPATIBLE LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-270L AVAGO-HCPL-270L Datasheet
250Kb / 12P
   Low Input Current, High Gain, LVTTL/LVCMOS Compatbie Optocouplers
logo
Fairchild Semiconductor
FOD073L FAIRCHILD-FOD073L_09 Datasheet
291Kb / 12P
   LVTTL/LVCMOS Compatible Low Input Current High Gain Split Darlington Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Agilent(Hewlett-Packard...
6N139 HP-6N139 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com