Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1972 Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM1972
Description  LM1972 關Pot 2-Channel 78dB Audio Attenuator with Mute
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM1972 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM1972_14 Datasheet HTML 7Page - Texas Instruments LM1972_14 Datasheet HTML 8Page - Texas Instruments LM1972_14 Datasheet HTML 9Page - Texas Instruments LM1972_14 Datasheet HTML 10Page - Texas Instruments LM1972_14 Datasheet HTML 11Page - Texas Instruments LM1972_14 Datasheet HTML 12Page - Texas Instruments LM1972_14 Datasheet HTML 13Page - Texas Instruments LM1972_14 Datasheet HTML 14Page - Texas Instruments LM1972_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LM1972
www.ti.com
SNAS094D – APRIL 1995 – REVISED MARCH 2013
Table 1. LM1972 Micropot Attenuator
Register Set Description (continued)
MSB:
LSB
0111 1100
76.0
0111 1101
77.0
0111 1110
78.0
0111 1111
100.0 (Mute)
1000 0000
100.0 (Mute)
: : : : :
: :
1111 1110
100.0 (Mute)
1111 1111
100.0 (Mute)
Figure 20. Serial Data Format Transfer Process
μPot SYSTEM ARCHITECTURE
The
μPot's digital interface is essentially a shift register, where serial data is shifted in, latched, and then
decoded. As new data is shifted into the DATA-IN pin, the previously latched data is shifted out the DATA-OUT
pin. Once the data is shifted in, the LOAD/SHIFT line goes high, latching in the new data. The data is then
decoded and the appropriate switch is activated to set the desired attenuation level for the selected channel. This
process is continued each and every time an attenuation change is made. Each channel is updated, only, when
that channel is selected for an attenuator change or the system is powered down and then back up again. When
the
μPot is powered up, each channel is placed into the muted mode.
μPot LADDER ARCHITECTURE
Each channel of a
μPot has its own independent resistor ladder network. As shown in Figure 21, the ladder
consists of multiple R1/R2 elements which make up the attenuation scheme. Within each element there are tap
switches that select the appropriate attenuation level corresponding to the data bits in Table 1. It can be seen in
Figure 21 that the input impedance for the channel is a constant value regardless of which tap switch is selected,
while the output impedance varies according to the tap switch selected.
Figure 21.
μPot Ladder Architecture
DIGITAL LINE COMPATIBILITY
The
μPot's digital interface section is compatible with either TTL or CMOS logic due to the shift register inputs
acting upon a threshold voltage of 2 diode drops or approximately 1.4V.
Copyright © 1995–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM1972


Numéro de pièce similaire - LM1972_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
More results

Description similaire - LM1972_14

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM1972 NSC-LM1972 Datasheet
301Kb / 11P
   Pot 2-Channel 78dB Audio Attenuator with Mute
LM1973 NSC-LM1973 Datasheet
305Kb / 11P
   關Pot??-Channel 76dB Audio Attenuator with Mute
logo
Texas Instruments
LM1973 TI1-LM1973_14 Datasheet
1,010Kb / 20P
[Old version datasheet]   LM1973 關Pot 3-Channel 76dB Audio Attenuator with Mute
LM1972 TI1-LM1972_16 Datasheet
1Mb / 22P
[Old version datasheet]   2-Channel 78dB Audio Attenuator
logo
National Semiconductor ...
LM1971 NSC-LM1971 Datasheet
248Kb / 11P
   LM1971 Overture??Audio Attenuator Series Digitally Controlled 62 dB Audio Attenuator with/Mute
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
   2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA3202 UTC-PA3202_09 Datasheet
362Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202 Datasheet
311Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA6021 UTC-PA6021_15 Datasheet
274Kb / 6P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
   2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com