Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

V-163-1AR5 Fiches technique(PDF) 2 Page - Omron Electronics LLC

No de pièce V-163-1AR5
Description  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-163-1AR5 Fiches technique(HTML) 2 Page - Omron Electronics LLC

  V-163-1AR5 Datasheet HTML 1Page - Omron Electronics LLC V-163-1AR5 Datasheet HTML 2Page - Omron Electronics LLC V-163-1AR5 Datasheet HTML 3Page - Omron Electronics LLC V-163-1AR5 Datasheet HTML 4Page - Omron Electronics LLC V-163-1AR5 Datasheet HTML 5Page - Omron Electronics LLC V-163-1AR5 Datasheet HTML 6Page - Omron Electronics LLC V-163-1AR5 Datasheet HTML 7Page - Omron Electronics LLC V-163-1AR5 Datasheet HTML 8Page - Omron Electronics LLC V-163-1AR5 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
122
Snap Action Switch
V
■ Available Combinations
Note: 1.
❍: Available model.
Consult OMRON for specific models with standard approval.
■ List of Models
Thermoplastic Case
21 A (OF: 400 gf)
Note: 1. Add “G” to the part number in the appropriate location to obtain a 0.5 mm contact gap. Add “-K” to the part number in the appropriate
location to obtain 2.9 mm mounting holes. Example: V-21G2-1C6-K
2. Not all combinations are available. Consult Omron regarding nomenclature combinations and part numbers not found in this datasheet.
Thermoplastic case
Thermosetting case
Model
V-21V-16V-11V-15
V-10
Rated Current
21 A
16 A
11 A
15 A
10 A
COM
terminal
position
Insulation
Barrier
Heat
Resistance
OF
Terminal Symbol
400 gf
400 gf
200 gf
100 gf
400 gf
200 gf
200 gf
100 gf
Bottom
No
Standard
(80
°C)
Solder terminals (A)
- - -
❍❍
❍❍❍
❍❍
Quick-connect
terminals (#187)(C2)
- - -
❍❍
❍❍❍
❍❍
Quick-connect
terminals (#250)(C)
❍❍❍
❍❍
Heat
resistant
(150
°C)
Solder terminals (A)
- - -
- - -
- - -
- - -
❍❍
❍❍
Quick-connect
terminals (#187)(C2)
- - -
- - -
- - -
- - -
❍❍
❍❍
Quick-connect
terminals (#250)(C)
- - -- - -
- - -- - -- - -- - -- - -
- - -
Yes
Standard
(80
°C)
Solder terminals (A)
- - -
❍❍
- - -
- - -
- - -
- - -
- - -
Quick-connect
terminals (#187)(C2)
- - -
❍❍
- - -
- - -
- - -
- - -
- - -
Quick-connect
terminals (#250)(C)
❍❍
- - -
- - -
- - -
- - -
- - -
Side
No
Standard
(80
°C)
Solder terminals (A)
- - -
- - -
- - -
- - -
❍❍
❍❍
Quick-connect
terminals (#187)(C2)
- - -
- - -
- - -
- - -
❍❍
❍❍
Quick-connect
terminals (#250)(C)
- - -
- - -
- - -
- - -
- - -
- - -
- - -
Common
terminal
position
Contact
form
Terminal style Actuator
Bottom
SPDT
Quick-connect
(#250) (C)
V-21-1C6
V-21-1CR6
V-21-1CL6
SPST-NC
V-21-2C6
V-21-2CR6
V-21-2CL6
SPST-NO
V-21-3C6
V-21-3CR6
V-21-3CL6
SPDT
V-211-1C6
V-211-1CR6
V-211-1CL6
V-212-1C6
V-212-1CR6
V-212-1C6
V-213-1C6
V-213-1CR6
V-213-1CL6
V-214-1C6
V-214-1CR6
V-214-1CL6
V-215-1C6
V-215-1CR6
V-215-1CL6
V-216-1C6
V-216-1CR6
V-216-1CL6
Without barrier
Without barrier
Right-hand barrier
Left-hand barrier
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever


Numéro de pièce similaire - V-163-1AR5

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
V-163-1AR5 OMRON-V-163-1AR5 Datasheet
1Mb / 16P
   Snap Action Switch
V-163-1AR5 OMRON-V-163-1AR5 Datasheet
1Mb / 16P
   Snap Action Switch
More results

Description similaire - V-163-1AR5

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com