Moteur de recherche de fiches techniques de composants électroniques |
|
M-3118 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers |
|
M-3118 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 3 page 40 Part Part Hex Overall Diameter Diameter Opening Number Number Opening Length Nose End Drive End Depth 6 Point Double Hex In. (A) (B) (C) (D) 3108• 3108-D• 1/4 1 1/4 7/16 3/4 5/32 3109 - 9/32 1 1/4 7/16 3/4 3/16 3010• - 5/16 7/8 1/2 3/4 3/16 3110• 3110-D• 5/16 1 1/4 1/2 3/4 3/16 3111• - 11/32 1 1/4 1/2 3/4 3/16 3012• 3012-D• 3/8 7/8 19/32 3/4 3/16 3112• 3112-D• 3/8 1 1/4 19/32 3/4 1/4 3113 3113-D 13/32 1 1/2 11/16 3/4 1/4 3014• 3014-D• 7/16 7/8 11/16 3/4 9/32 3114• 3114-D• 7/16 1 1/2 11/16 3/4 9/32 SW-604• - 7/16 1 1/2 21/32 3/4 9/32 3016• 3016-D• 1/2 7/8 13/16 13/16 5/16 3116• 3116-D• 1/2 1 1/2 13/16 13/16 11/32 HC-3816• - 1/2 1 1/2 11/16 11/16 11/32 3117 - 17/32 1 1/2 13/16 13/16 11/32 3018• 3018-D• 9/16 7/8 7/8 7/8 5/16 3118• - 9/16 1 1/2 7/8 7/8 7/16 SW-343 - 9/16 1 1/2 3/4 3/4 7/16 SW-605 SW-605-D 9/16 1 1/2 3/4 13/16 7/16 3119• - 19/32 1 1/2 7/8 7/8 7/16 3020• 3020-D 5/8 1 15/16 15/16 7/16 3120• 3120-D• 5/8 1 1/2 15/16 15/16 7/16 HC-3520* - 5/8 2 3/8 7/8 7/8 7/32 3022 3022-D 11/16 1 1 1 7/16 3122• - 11/16 1 1/2 1 1 7/16 3024• 3024-D 3/4 1 1 1/16 1 1/16 7/16 3124• 3124-D 3/4 1 1/2 1 1/16 1 1/16 15/32 3126 - 13/16 1 1/2 1 1/8 1 1/8 7/16 3028• 3028-D 7/8 1 1 1/4 1 1/4 7/16 6 Point & Double Hex, Short and Standard Length 3/8” Square Drive Sockets, SAE *HC-3520 is spark plug socket. A B C D inches A B C D inches A B C D inches A B C D inches Part Part Hex Overall Diameter Diameter Opening Number Number Opening Length Nose End Drive End Depth 6 Point Double Hex In. (A) (B) (C) (D) 3408• 3408-D 1/4 1 1/4 7/16 3/4 5/32 3409 - 9/32 1 1/4 7/16 3/4 3/16 3410• 3410-D• 5/16 1 1/4 1/2 3/4 3/16 OS-3410*• - 5/16 1 1/4 7/16 19/32 3/16 3412• 3412-D• 3/8 1 1/2 19/32 3/4 1/4 3414• 3414-D• 7/16 1 1/2 5/8 3/4 9/32 3416• 3416-D• 1/2 1 1/2 3/4 3/4 11/32 3418• 3418-D• 9/16 1 1/2 25/32 13/16 7/16 3420• 3420-D• 5/8 1 1/2 7/8 7/8 7/16 3424• 3424-D 3/4 1 1/2 1 1 15/32 3426 - 13/16 1 1/2 1 1/8 1 1/8 17/32 3428• - 7/8 1 1/2 1 3/16 1 1/4 9/16 3430• 3430-D 15/16 1 1/2 1 5/16 1 5/16 5/8 3432 - 1 1 1/2 1 3/8 1 3/8 5/8 3434• - 1 1/16 1 1/2 1 1/2 1 1/2 11/16 6 Point & Double Hex, Thin Wall, Standard Length 6 Point & Double Hex, Long and Extra Long Length *No ring groove. Part Part Hex Overall Diameter Diameter Opening Number Number Opening Length Nose End Drive End Depth 6 Point Double Hex In. (A) (B) (C) (D) 3208• 3208-D 1/4 2 7/16 3/4 5/32 3308 - 1/4 3 1/2 7/16 3/4 5/32 3209 - 9/32 2 7/16 3/4 3/16 3210• 3210-D• 5/16 2 1/2 3/4 3/16 3310• 3310-D• 5/16 3 1/2 1/2 3/4 3/16 OS-3310-D* - 5/16 3 1/2 15/32 5/8 3/16 3211 - 11/32 2 1/2 3/4 3/16 3311 - 11/32 3 1/2 1/2 3/4 3/16 3212• 3212-D• 3/8 2 19/32 3/4 1/4 3312• 3312-D 3/8 3 1/2 19/32 3/4 1/4 3214• 3214-D 7/16 2 11/16 3/4 9/32 3314• 3314-D• 7/16 3 1/2 11/16 3/4 9/32 3216• 3216-D• 1/2 2 13/16 13/16 11/32 3316• 3316-D• 1/2 3 1/2 13/16 13/16 11/32 3218• 3218-D• 9/16 2 7/8 7/8 7/16 3318• 3318-D• 9/16 3 1/2 7/8 7/8 7/16 3220• 3220-D• 5/8 2 15/16 15/16 7/16 3320• 3320-D 5/8 3 1/2 15/16 15/16 7/16 3222• 3222-D 11/16 2 1 1 7/16 3322• 3322-D 11/16 3 1/2 1 1 7/16 3224• 3224-D 3/4 2 1 1/16 1 1/16 15/32 3324• 3324-D 3/4 3 1/2 1 1/16 1 1/16 15/32 3226• 3226-D 13/16 2 1 1/4 1 1/4 17/32 3326 3326-D 13/16 3 1/2 1 1/4 1 1/4 17/32 3228• 3228-D 7/8 2 1 1/4 1 1/4 9/16 3328• - 7/8 3 1/2 1 1/4 1 1/4 9/16 *No ring groove. Part Part Hex Overall Diameter Diameter Opening Number Number Opening Length Nose End Drive End Depth 6 Point Double Hex In. (A) (B) (C) (D) 3510• - 5/16 2 1/2 3/4 3/16 3511• - 11/32 2 1/2 3/4 3/16 3512• 3512-D• 3/8 2 19/32 3/4 1/4 3514• 3514-D 7/16 2 5/8 3/4 9/32 3516• 3516-D• 1/2 2 3/4 3/4 11/32 3518• 3518-D• 9/16 2 25/32 13/16 7/16 3524• 3524-D• 3/4 2 1 1 15/32 3530 - 15/16 2 1 5/16 1 5/16 5/8 3532• - 1 2 1 3/8 1 3/8 5/8 3534 - 1 1/16 2 1 1/2 1 1/2 11/16 6 Point & Double Hex, Thin Wall, Long Length • Indicates a commonly requested item that is either in stock or has a max typical leadtime of 4 weeks from the factory. No minimum on these items. |
Numéro de pièce similaire - M-3118 |
|
Description similaire - M-3118 |