Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

U15P4YZQE Fiches technique(PDF) 1 Page - C&K Components

No de pièce U15P4YZQE
Description  Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

U15P4YZQE Fiches technique(HTML) 1 Page - C&K Components

  U15P4YZQE Datasheet HTML 1Page - C&K Components U15P4YZQE Datasheet HTML 2Page - C&K Components U15P4YZQE Datasheet HTML 3Page - C&K Components U15P4YZQE Datasheet HTML 4Page - C&K Components U15P4YZQE Datasheet HTML 5Page - C&K Components U15P4YZQE Datasheet HTML 6Page - C&K Components U15P4YZQE Datasheet HTML 7Page - C&K Components U15P4YZQE Datasheet HTML 8Page - C&K Components U15P4YZQE Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
7000 Series
Miniature Toggle Switches
Features/Benefits
Multi-pole and multi-position
Wide variety of actuator and
termination options
Epoxy terminal-seal compatible
with bottom wash cleaning
RoHS complaint models available
Typical Applications
Telecommunications
Instrumentation
Medical equipment
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or
DC max. Q contact material: 5 AMPS @ 120 V AC or 28 V DC;
2 AMPS @ 250 V AC. See page F-15 for additional ratings.
ELECTRICAL LIFE: 7X01 and UX1 models: 100,000 make-and-break
cycles at full load. All other models: 40,000 cycles.
CONTACT RESISTANCE: Below 10 m
Ω typ. initial @ 2-4 V DC,
100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or EIA RS-186E
method 9 (1 hour steam aging).
For materials see page F-4.
NOTE: Any models supplied with P, S R, Q, B or G contact material are RoHS compliant
and compatible.
NOTE: Specifications listed above are for switches with standard options. For information
on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages F–4 thru F–16. For additional options not shown in catalog, consult our Customer Service Center.
Switch Function
7101 SP On-None-On
7103 SP On-Off-On
7105 SP Mom.-Off-Mom.
7107 SP On-Off-Mom.
7108 SP On-None-Mom.
7109 SP None-On-Mom.
7201 DP On-None-On
7203 DP On-Off-On
7205 DP Mom.-Off-Mom.
7207 DP On-Off-Mom.
7208 DP On-None-Mom.
7211 DP On-On-On
7213 DP On-On-Mom.
7215 DP Mom.-On-Mom.
7301 3P On-None-On
7303 3P On-Off-On
7305 3P Mom.-Off-Mom.
7308 3P On-None-Mom.
7401 4P On-None-On
7403 4P On-Off-On
7405 4P Mom.-Off-Mom.
7408 4P On-None-Mom.
7411 4P On-On-On
7413 4P On-On-Mom.
7415 4P Mom.-On-Mom.
Note: UL models available,
see pages F-4 & F-5.
Actuator
M
.200" high
P3 Flatted, anti-rotation,
.450" high
S
.420" high
T
.687" high, 15/32 bushing
K2 Locking lever, .704" high
K9 Locking lever, .704" high
K12 Locking lever, .732" high
K19 Locking lever, .732" high
L
.840" high
L1
.640" high
L1P Anti-rotation, .640" high
L2
.550" high
L2P Anti-rotation, .550" high
L3
Plastic .940” inch
L40 Lever handle without cap
L41 .531" high lever handle with cap
L42 .838" high lever handle with cap
MP Anti-rotation, .200" high
P1 Flatted, anti-rotation,
.840" high
P4 Flatted, anti-rotation,
.250" high
SP Anti-rotation, .420" high
T1 .487" high, 15/32 bushing
T1P Anti-rotation, .487" high,
15/32 bushing
T2P Flatted, anti-rotation,
.610” high, 15/32 bushing,
TP Anti-rotation, .687" high,
15/32 bushing
Terminations
A
Right angle, PC thru-hole
AV2 Vert. right angle, PC thru-hole
C
PC Thru-hole
V3
.460 high, V-bracket
Z
Solder lug
A2
Right angle, PC thru-hole
A3
Right angle, PC thru-hole
A4
Right angle, PC thru-hole
AW1 Right angle, extended, PC thru-hole
AW4 Right angle, extended, PC thru-hole
V2
.555" high, V-bracket
V4
.630" high, V-bracket
V6
.460" high, V-bracket
V7
.630" high, V-bracket
V8
.953" high, V-bracket
V9
1.150" high, V-bracket
V21 .555" high, snap-in V-bracket
V31 .460" high, snap-in V-bracket
V41 .630" high, snap-in V-bracket
V71 .630" high, snap-in V-bracket
V81 .953" high, snap-in V-bracket
Bushing
D
.280 high, keyway
H
.296 high, flat
Y
.350 high, keyway
NONE No bushing
choice required
CW Splashproof
D8 .280" high, flat
D9 .280" high, keyway
H3 .315" high, keyway
H4 8mm high, keyway
Y1
.378" high, keyway
Y3
8.9mm high, keyway
Y4
.378" high, flat
Y9
.350" high, keyway
Contact Material
B Gold
P Gold, matte-tin
Q Silver
S Silver, matte-tin
G Gold over silver
R Gold over silver, matte-tin
Seal
E Epoxy
I
Epoxy potted
base
Actuator Color/Finish
NONE Bright chrome
2
Black
3
Red
S Satin chrome
KXX Actuator Color/Finish
NONE Natural aluminum
2
Black anodized aluminum
3
Red anodized aluminum
7
Blue anodized aluminum
Bushing Finish
NONE Nickel on all
bushings (except D8,
satin chrome)
2
Black
W
.750" long, wire wrap
W1 .964" long, wire wrap
W3 .425" long, wire wrap
W4 1.062" long, wire wrap
W5 1.305" long, wire wrap
Z3 Quick connect
F–3
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F


Numéro de pièce similaire - U15P4YZQE

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
U15 CK-COMPONENTS-U15 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
logo
Ferroxcube Internationa...
U15-11-6 FERROXCUBE-U15-11-6 Datasheet
52Kb / 4P
   U, I cores and accessories
logo
Intronics Power, Inc.
U15-12D12 INTRONICS-U15-12D12 Datasheet
182Kb / 1P
   DC/DC MODULES
U15-12D15 INTRONICS-U15-12D15 Datasheet
182Kb / 1P
   DC/DC MODULES
U15-12D5 INTRONICS-U15-12D5 Datasheet
182Kb / 1P
   DC/DC MODULES
More results

Description similaire - U15P4YZQE

FabricantNo de pièceFiches techniqueDescription
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
   Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
E101MD1ABE CK-COMPONENTS-E101MD1ABE Datasheet
539Kb / 8P
   Sealed Miniature Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com