Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC14MF4A-100 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TLC14MF4A-100
Description  BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC14MF4A-100 Fiches technique(HTML) 5 Page - Texas Instruments

  TLC14MF4A-100 Datasheet HTML 1Page - Texas Instruments TLC14MF4A-100 Datasheet HTML 2Page - Texas Instruments TLC14MF4A-100 Datasheet HTML 3Page - Texas Instruments TLC14MF4A-100 Datasheet HTML 4Page - Texas Instruments TLC14MF4A-100 Datasheet HTML 5Page - Texas Instruments TLC14MF4A-100 Datasheet HTML 6Page - Texas Instruments TLC14MF4A-100 Datasheet HTML 7Page - Texas Instruments TLC14MF4A-100 Datasheet HTML 8Page - Texas Instruments TLC14MF4A-100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
TLC04/MF4A-50, TLC14/MF4A-100
BUTTERWORTH FOURTH-ORDER LOW-PASS
SWITCHED-CAPACITOR FILTERS
SLAS021A – NOVEMBER 1986 – REVISED MARCH 1995
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range, VCC+ = 2.5 V,
VCC– = –2.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC04/MF4A-50
TLC14/MF4A-100
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Maximum clock frequency, fmax
See Note 2
1.5
3
1.5
3
MHz
Clock-to-cutoff-frequency ratio (fclock/fco)
fclock ≤ 250 kHz, TA = 25°C
49.27
50.07
50.87
99
100
101
Hz/Hz
Temperature coefficient of clock-to-cutoff
frequency ratio
fclock ≤ 250 kHz
±25
±25
ppm/
°C
fco = 5 kHz,
f lk 250 kHz
f = 6 kHz
– 7.9
– 7.57
– 7.1
dB
Frequency response above and below
fclock = 250 kHz,
TA = 25°C
f = 4.5 kHz
– 1.7
– 1.46
– 1.3
dB
qy
cutoff frequency (see Note 5)
fco = 5 kHz,
f lk 250 kHz
f = 3 kHz
– 7.9
– 7.42
– 7.1
dB
fclock = 250 kHz,
TA = 25°C
f = 2.25 kHz
– 1.7
–1.51
– 1.3
dB
Dynamic range (see Note 6)
TA = 25°C
80
78
dB
Stop-band frequency attentuation at 2 fco
fclock ≤ 250 kHz
24
25
24
25
dB
Voltage amplification, dc
fclock ≤ 250 kHz, RS ≤ 2 kΩ
– 0.15
0
0.15
– 0.15
0
0.15
dB
Peak-to-peak clock feedthrough voltage
TA = 25°C
5
5
mV
† All typical values are at TA = 25°C.
NOTES:
2. Above 250 kHz, the input clock duty cycle should be 50% to allow the operational amplifiers the maximum time to settle while
processing analog samples.
5. The frequency responses at f are referenced to a dc gain of 0 dB.
6. The dynamic range is referenced to 1.06 V rms (1.5 V peak) where the wideband noise over a 30-kHz bandwidth is typically
106
µV rms for the TLC04/MF4A-50 and 135 µV rms for the TLC14/MF4A-100.
operating characteristics over recommended operating free-air temperature range, VCC+ = 5 V,
VCC– = –5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLC04/MF4A-50
TLC14/MF4A-100
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
Maximum clock frequency, fmax
See Note 2
2
4
2
4
MHz
Clock-to-cutoff-frequency ratio (fclock/fco)
fclock ≤ 250 kHz,
TA = 25°C
49.58
49.98
50.38
99
100
101
Hz/Hz
Temperature coefficient of clock-to-cutoff
frequency ratio
fclock ≤ 250 kHz
±15
±15
ppm/
°C
fco = 5 kHz,
f lk 250 kHz
f = 6 kHz
– 7.9
– 7.57
– 7.1
dB
Frequency response above and below
fclock = 250 kHz,
TA = 25°C
f = 4.5 kHz
– 1.7
– 1.44
– 1.3
dB
qy
cutoff frequency (see Note 5)
fco = 5 kHz,
f lk 250 kHz
f = 3 kHz
– 7.9
– 7.42
– 7.1
dB
fclock = 250 kHz,
TA = 25°C
f = 2.25 kHz
– 1.7
–1.51
– 1.3
dB
Dynamic range (see Note 6)
TA = 25°C
86
84
dB
Stop-band frequency attentuation at 2 fco
fclock ≤ 250 kHz
24
25
24
25
dB
Voltage amplification, dc
fclock ≤ 250 kHz,
RS
≤ 2 kΩ
– 0.15
0
0.15
– 0.15
0
0.15
dB
Peak-to-peak clock feedthrough voltage
TA = 25°C
7
7
mV
† All typical values are at TA = 25°C.
NOTES:
2. Above 250 kHz, the input clock duty cycle should be 50% to allow the operational amplifiers the maximum time to settle while
processing analog samples.
5. The frequency responses at f are referenced to a dc gain of 0 dB.
6. The dynamic range is referenced to 2.82 V rms (4 V peak) where the wideband noise over a 30-kHz bandwidth is typically 142
µV rms
for the TLC04/MF4A-50 and 178
µV rms for the TLC14/MF4A-100.


Numéro de pièce similaire - TLC14MF4A-100

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC14MF4A-100 TI-TLC14MF4A-100 Datasheet
340Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
More results

Description similaire - TLC14MF4A-100

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC04IDRG4 TI-TLC04IDRG4 Datasheet
340Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04 TI-TLC04 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
MF4A-50 TI-MF4A-50 Datasheet
604Kb / 12P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
TLC04MF4A-50 TI1-TLC04MF4A-50_08 Datasheet
367Kb / 14P
[Old version datasheet]   BUTTERWORTH FOURTH-ORDER LOW-PASS SWITCHED-CAPACITOR FILTERS
logo
National Semiconductor ...
MF4CN-100 NSC-MF4CN-100 Datasheet
442Kb / 13P
   4TH ORDER SWITCHED CAPACITOR BUTTERWORTH
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
MF6 NSC-MF6 Datasheet
861Kb / 20P
   6th Order Switched Capacitor Butterworth Lowpass
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Maxim Integrated Produc...
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com