Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3299 Fiches technique(PDF) 3 Page - NEC

No de pièce 2SK3299
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

2SK3299 Fiches technique(HTML) 3 Page - NEC

  2SK3299 Datasheet HTML 1Page - NEC 2SK3299 Datasheet HTML 2Page - NEC 2SK3299 Datasheet HTML 3Page - NEC 2SK3299 Datasheet HTML 4Page - NEC 2SK3299 Datasheet HTML 5Page - NEC 2SK3299 Datasheet HTML 6Page - NEC 2SK3299 Datasheet HTML 7Page - NEC 2SK3299 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D14060EJ1V0DS00
3
2SK3299
TYPICAL CHARACTERISTICS (TA = 25 °C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
10
0
40
20
30
5
0
15
20
10
25
30
6.0 V
VGS = 10 V
8.0 V
Pulsed
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
15
10
5
0
100
10
1
0.1
0.01
VDS = 10 V
Pulsed
25 ˚C
−25 ˚C
Tch = 125 ˚C
75 ˚C
GATE TO SOURCE CUTOFF VOLTAGE
vs. CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
−50
0
50
100
150
5.0
4.0
3.0
2.0
1.0
0
VDS = 10 V
ID = 1 mA
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
1
100
10
ID - Drain Current - A
10
100
0.1
1
0.1
VDS = 10 V
Pulsed
Tch =
−25 ˚C
25 ˚C
75 ˚C
125 ˚C
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
10
2.0
VGS - Gate to Source Voltage - V
1.0
0
515
0
3.0
Pulsed
ID = 10 A
5.0 A
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
1.0
1.0
10
100
ID - Drain Current - A
2.0
0
0
3.0
Pulsed
VGS = 10 V
20 V


Numéro de pièce similaire - 2SK3299

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
2SK3299 KEXIN-2SK3299 Datasheet
44Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK3299 RENESAS-2SK3299 Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3299-S RENESAS-2SK3299-S Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3299-ZJ RENESAS-2SK3299-ZJ Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2000
2SK3299B RENESAS-2SK3299B Datasheet
378Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
More results

Description similaire - 2SK3299

FabricantNo de pièceFiches techniqueDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com