Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB42AA4 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TSB42AA4
Description  IEEE 1394-a Consumer Electronics Link Layer Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSB42AA4 Fiches technique(HTML) 4 Page - Texas Instruments

  TSB42AA4 Datasheet HTML 1Page - Texas Instruments TSB42AA4 Datasheet HTML 2Page - Texas Instruments TSB42AA4 Datasheet HTML 3Page - Texas Instruments TSB42AA4 Datasheet HTML 4Page - Texas Instruments TSB42AA4 Datasheet HTML 5Page - Texas Instruments TSB42AA4 Datasheet HTML 6Page - Texas Instruments TSB42AA4 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MECHANICAL DATA
MPQF013 – NOVEMBER 1995
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PDT (S-PQFP-G128)
PLASTIC QUAD FLATPACK
64
33
0,13 NOM
Gage Plane
0,25
0,45
0,75
Seating Plane
0,05 MIN
4087726/A 11/95
0,23
0,13
65
32
96
1
12,40 TYP
128
97
SQ
SQ
0,95
1,05
15,90
16,10
13,95
1,20 MAX
14,05
0,08
0,40
M
0,05
0
°–5°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.


Numéro de pièce similaire - TSB42AA4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB42AA4I TI-TSB42AA4I Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB42AA4IPDT TI-TSB42AA4IPDT Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB42AA4PDT TI-TSB42AA4PDT Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB42AA4PGE TI-TSB42AA4PGE Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
More results

Description similaire - TSB42AA4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
[Old version datasheet]   IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
TSB12LV41A TI-TSB12LV41A Datasheet
587Kb / 199P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV41 TI-TSB12LV41 Datasheet
737Kb / 195P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Consumer Applications
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
[Old version datasheet]   IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
[Old version datasheet]   (PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
[Old version datasheet]   IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB15LV01 TI-TSB15LV01 Datasheet
421Kb / 74P
[Old version datasheet]   VIDEO SIGNAL PROCESSOR WITH IEEE 1394 LINK LAYER CONTROLLER
TSB15LV01 TI1-TSB15LV01_14 Datasheet
91Kb / 6P
[Old version datasheet]   Video Signal Processor With IEEE-1394 Link Layer Controller
TSB12LV42 TI-TSB12LV42 Datasheet
686Kb / 175P
[Old version datasheet]   IEEE 1394-1995 Link-Layer Controller for Digital Video
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com