Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UC2851N Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce UC2851N
Description  All Control, Driving, Monitoring, and Protection Functions Included
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

UC2851N Fiches technique(HTML) 6 Page - Texas Instruments

Back Button UC2851N Datasheet HTML 2Page - Texas Instruments UC2851N Datasheet HTML 3Page - Texas Instruments UC2851N Datasheet HTML 4Page - Texas Instruments UC2851N Datasheet HTML 5Page - Texas Instruments UC2851N Datasheet HTML 6Page - Texas Instruments UC2851N Datasheet HTML 7Page - Texas Instruments UC2851N Datasheet HTML 8Page - Texas Instruments UC2851N Datasheet HTML 9Page - Texas Instruments UC2851N Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UC1851
UC2851
UC3851
OPEN-LOOP CIRCUIT
High Peak currents associated with capacitive loads necessitate careful grounding techniques. Timing and bypass
capacitors should be connected close to pin 13 in a single ground point.
Programmable Soft Start and Restart Delay Circuit
For further application information see UC1840/UC1841
Data Sheets
UC1851 Power MOSFET Drive Interface
UNITRODE INTEGRATED CIRCUITS
7 CONTINENTAL BLVD.
• MERRIMACK, NH 03054
TEL. (603) 424-2410
• FAX (603) 424-3460
Nominal Frequency =
1
RTCT
= 50kHz
Start Voltage = 3
R1
+ R2 + R3
R2
+ R3
+0.2R1 = 12V
UV Fault Voltage
= 3
R1
+ R2 + R3
R2
+ R3
= 8V
OV Fault Voltage
= 3
R1
+ R2 + R3
R3
= 32V
Current Limit = 200mV
Current Fault Voltage = 600mV
Duty Cycle Clamp = 50%
@VIN = 15V, Duty Cycle = 48%
@VIN = 30V, Duty Cycle = 24%
6


Numéro de pièce similaire - UC2851N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
UC2851N TI1-UC2851N Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
UC2851NG4 TI1-UC2851NG4 Datasheet
772Kb / 11P
[Old version datasheet]   Programmable, Off-Line, PWM Controller
More results

Description similaire - UC2851N

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
NLA-PM100D ETC2-NLA-PM100D Datasheet
145Kb / 2P
   Multi-functions Power Monitoring and Control Terminal
logo
Analog Devices
AD5593R AD-AD5593R Datasheet
986Kb / 34P
   Control and monitoring
AD5592R AD-AD5592R Datasheet
1,002Kb / 42P
   Control and monitoring
logo
Texas Instruments
ADS131E04 TI1-ADS131E04 Datasheet
1Mb / 56P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
logo
Suntsu Electronics, Inc...
SATPC-35A7AF-ISB5 SUNTSU-SATPC-35A7AF-ISB5 Datasheet
381Kb / 3P
   Industrial Monitoring And Control
logo
STMicroelectronics
STS1TX STMICROELECTRONICS-STS1TX Datasheet
2Mb / 70P
   Industrial monitoring and control
August 2013 Rev 1
logo
Texas Instruments
ADS131E04 TI1-ADS131E04_14 Datasheet
2Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
ADS131E08IPAGR TI1-ADS131E08IPAGR Datasheet
1Mb / 60P
[Old version datasheet]   Analog Front-End for Power Monitoring, Control, and Protection
logo
Suntsu Electronics, Inc...
SATPC-35A7AB5-ISB5 SUNTSU-SATPC-35A7AB5-ISB5 Datasheet
379Kb / 3P
   Industrial Monitoring And Control
logo
Texas Instruments
AMC7820 TI1-AMC7820_15 Datasheet
1Mb / 32P
[Old version datasheet]   ANALOG MONITORING AND CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com