Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSB81BA3-EP Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TSB81BA3-EP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER 
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TSB81BA3-EP Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TSB81BA3-EP_14 Datasheet HTML 5Page - Texas Instruments TSB81BA3-EP_14 Datasheet HTML 6Page - Texas Instruments TSB81BA3-EP_14 Datasheet HTML 7Page - Texas Instruments TSB81BA3-EP_14 Datasheet HTML 8Page - Texas Instruments TSB81BA3-EP_14 Datasheet HTML 9Page - Texas Instruments TSB81BA3-EP_14 Datasheet HTML 10Page - Texas Instruments TSB81BA3-EP_14 Datasheet HTML 11Page - Texas Instruments TSB81BA3-EP_14 Datasheet HTML 12Page - Texas Instruments TSB81BA3-EP_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
TSB81BA3EP
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SGLS194A − SEPTEMBER 2003 − REVISED JULY 2005
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions (Continued)
TERMINAL
I/O
DESCRIPTION
NAME
TYPE
NO.
I/O
DESCRIPTION
PCLK
CMOS
5
O
PHY clock. Provides a 98.304-MHz clock signal, synchronized with data transfers, to the LLC when
the PHY-link interface is operating in the 1394b mode (BMODE asserted). PCLK output provides a
49.152-MHz clock signal, synchronized with data transfers, to the LLC when the PHY-link interface
is in legacy 1394a−2000 (BMODE input deasserted).
PD
CMOS
77
I
Power-down input. A high on this terminal turns off all internal circuitry except the cable-active
monitor circuits, which control the CNA output. Asserting the PD input high also activates an internal
pulldown on the RESETz terminal to force a reset of the internal control logic.
PINT
CMOS
1
O
PHY Interrupt. The PHY uses this output to serially transfer status and interrupt information to the
link when PHY-link interface is in the 1394b mode. A bus holder is built into this terminal.
PLLGND
Supply
25,
28
PLL circuit ground terminals. These terminals must be tied together to the low-impedance circuit
board ground plane.
PLLVDD-CORE
Supply
29,
30
PLL 1.95-V circuit power terminals. A combination of high-frequency decoupling capacitors near
each terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. An additional 1-µF capacitor
is required for voltage regulation, and the PLLVDD-CORE terminals must be separate from the
DVDD-CORE terminals. These supply terminals are separated from the DVDD-CORE, DVDD-3.3,
PLLVDD-3.3 and AVDD-3.3 terminals internal to the device to provide noise isolation.
PLLVDD-3.3
Supply
31
PLL 3.3-V circuit power terminal. A combination of high-frequency decoupling capacitors near the
terminal are suggested, such as paralleled 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering
capacitors are also recommended. This supply terminal is separated from the DVDD-CORE,
DVDD-3.3, PLLVDD-CORE, and AVDD-3.3 terminals internal to the device to provide noise
isolation. The DVDD-3.3 terminals must be tied together at a low-impedance point on the circuit
board. The PLLVDD-3.3, AVDD-3.3, and DVDD-3.3 terminals must be tied together with a low dc
impedance connection.
RESETz
CMOS
75
I
Logic reset input. Asserting this terminal low resets the internal logic. An internal pullup resistor to
VDD is provided so only an external delay capacitor is required for proper power-up operation (see
power-up reset in the APPLICATIONS INFORMATION section). The RESETz terminal also
incorporates an internal pulldown which is activated when the PD input is asserted high. This input
is otherwise a standard logic input, and can also be driven by an open-drain type driver.
RSVD
26
O
This terminal must normally be left unconnected. When this terminal is probed, the terminal will
show a 98.304-MHz signal. If this is perceived as an EMI problem, then the terminal may be pulled
to ground through a 10-k
Ω resistor. However, this causes an increase of up to 340 µA in device
current consumption.
R0
R1
Bias
23
22
Current setting resistor terminals. These terminals are connected to a precision external resistance
to set the internal operating currents and cable driver output currents. A resistance of 6.34 k
Ω ±1%
is required to meet the IEEE Std 1394−1995 output voltage limits.
SE
CMOS
35
I
Test control input. This input is used in the manufacturing test of the TSB81BA3. For normal use this
terminal must be pulled low either through a 1-k
Ω resistor to GND or directly to GND.
SM
CMOS
36
I
Test control input. This input is used in the manufacturing test of the TSB81BA3. For normal use this
terminal must be pulled low either through a 1-k
Ω resistor to GND or directly to GND.
TESTM
CMOS
78
I
Test control input. This input is used in the manufacturing test of the TSB81BA3. For normal use this
terminal must be pulled high through a 1-k
Ω resistor to VDD.
TESTW
CMOS
73
I
Test control input. This input is used in the manufacturing test of the TSB81BA3. For normal use
this terminal must be pulled high through a 1-k
Ω resistor to VDD.
TPA0−
TPA0+
TPB0−
TPB0+
Cable
45,
46,
41,
42
I/O
Port 0 twisted-pair differential-signal terminals. Board traces from each pair of positive and
negative differential signal terminals must be kept matched and as short as possible to the
external load resistors and to the cable connector. Please request the S800 1394b layout
recommendations document from your TI representative.
TPA1−
TPA1+
TPB1−
TPB1+
Cable
52
53
48
49
I/O
Port 1 twisted-pair differential-signal terminals. Board traces from each pair of positive and
negative differential signal terminals must be kept matched and as short as possible to the
external load resistors and to the cable connector. Please request the S800 1394b layout
recommendations document from your TI representative.


Numéro de pièce similaire - TSB81BA3-EP_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TSB81BA3-EP TI-TSB81BA3-EP Datasheet
764Kb / 56P
[Old version datasheet]   IEEE 1394B THREE-PORT CABLE TRANSCEIVER/ARBITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com