Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA-5897 Fiches technique(PDF) 1 Page - Protech Systems Co., Ltd.

No de pièce SA-5897
Description  High Performance Desktop Intel짰 i3 / i5 / i7 processors Book PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Site Internet  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

SA-5897 Fiches technique(HTML) 1 Page - Protech Systems Co., Ltd.

  SA-5897 Datasheet HTML 1Page - Protech Systems Co., Ltd. SA-5897 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SA-5897
High Performance Desktop
Intel® i3 / i5 / i7 processors
Book PC
LGA1155 Intel® 3rd Gen. Core™
i7/i5/i3 and Pentium® Processor
Supports DDR3 memory up to 16GB
Supports dual display (DVI-D/DVI-I)
Support expansion slot 1 x MiniPCIe ,1 x
PCIe 16x slot or 2 x PCI slot
Support Dual Gb LAN
Features and Benefits:
BPC
BPC
Protech Systems Co., Ltd.
No. 24, Lane 365, Yang Goang Street, Nei Hu
District Taipei 114, Taiwan
TEL: +886-2-8751-1111 FAX: +886-2-8751-1199
E-mail: sales@protech.com.tw
http://www.protech.com.tw
Protech Japan Co., Ltd.
OSK Bldg, 6F, 6-25-14, Minami-ohi Shinagawa-ku,
Tokyo, 140-0013
TEL: +81-3-5753-8411 FAX: +81-3-3763-9282
E-mail: sam@protech-j.com
http://www.protech-j.com
Protech Technologies Inc.
950 Fee Ana St, Suite B Placentia, CA 92870
TEL: +1-714- 996-7200 FAX: +1-714- 996-7300
Sales: sales@protech-usa.net
http://www.protech-usa.net


Numéro de pièce similaire - SA-5897

FabricantNo de pièceFiches techniqueDescription
logo
Protech Systems Co., Lt...
SA-5852 PROTECHSYSTEMS-SA-5852 Datasheet
515Kb / 2P
   Intel짰 Atom??D2550 Book Size PC
SA-5872 PROTECHSYSTEMS-SA-5872 Datasheet
565Kb / 2P
   High Performance Desktop Intel짰 i3 / i5 / i7 processors Book PC
More results

Description similaire - SA-5897

FabricantNo de pièceFiches techniqueDescription
logo
Protech Systems Co., Lt...
SA-5872 PROTECHSYSTEMS-SA-5872 Datasheet
565Kb / 2P
   High Performance Desktop Intel짰 i3 / i5 / i7 processors Book PC
logo
AAEON Technology
IMBM-B75A AAEON-IMBM-B75A Datasheet
375Kb / 2P
   Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
logo
Lanner All Rights Reser...
LEC-2580 LANNER-LEC-2580 Datasheet
338Kb / 2P
   High-performance Box PC with Intel짰 6th Gen Skylake Core??i7/i5/i3 CPU
logo
Advantech Co., Ltd.
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
SIMB-A21 ADVANTECH-SIMB-A21_14 Datasheet
602Kb / 2P
   Intel짰 LGA1155 Core??i7/i5/i3, Celeron짰 ATX
logo
Protech Systems Co., Lt...
PMB-871LF PROTECHSYSTEMS-PMB-871LF Datasheet
535Kb / 2P
   ATX MB with Intel짰 Core??i7/i5/i3/Pentium Core??i7/i5/i3/Pentium Dual LAN, DDR3
logo
Lanner All Rights Reser...
LEC-2280 LANNER-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
Advantech Co., Ltd.
ARK-3531 ADVANTECH-ARK-3531 Datasheet
885Kb / 2P
   Intel짰 9th Gen / Core??i3/i5/i7/i9 LGA1151 Fanless Box PC
22-Jan-2021
logo
List of Unclassifed Man...
LEC-2280P2 ETC2-LEC-2280P2 Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
LEC-2280 ETC2-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com