Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMC7812B Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce AMC7812B
Description  12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AMC7812B Fiches technique(HTML) 11 Page - Texas Instruments

Back Button AMC7812B_14 Datasheet HTML 7Page - Texas Instruments AMC7812B_14 Datasheet HTML 8Page - Texas Instruments AMC7812B_14 Datasheet HTML 9Page - Texas Instruments AMC7812B_14 Datasheet HTML 10Page - Texas Instruments AMC7812B_14 Datasheet HTML 11Page - Texas Instruments AMC7812B_14 Datasheet HTML 12Page - Texas Instruments AMC7812B_14 Datasheet HTML 13Page - Texas Instruments AMC7812B_14 Datasheet HTML 14Page - Texas Instruments AMC7812B_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
t
HD, STA
t
SU, DAT
t
HD, DAT
t
SU, STA
t
SU, STO
t
HD,STA
t
LOW
t
HIGH
t
R
t
F
t
BUF
SDA
SCL
S
Sr
P
S
S=STARTCondition
Sr=RepeatedSTARTCondition
P=STOPCondition
=ResistorPull-Up
AMC7812B
www.ti.com
SBAS625A – SEPTEMBER 2013 – REVISED SEPTEMBER 2013
I
2C-COMPATIBLE TIMING DIAGRAMS
Figure 1. Timing for Standard and Fast Mode Devices on the I2C Bus
TIMING CHARACTERISTICS: SDA and SCL for Standard and Fast Modes
(1)
At –40°C to +105°C, AVDD = DVDD = 4.5 V to 5.5 V, AGND = DGND = 0 V, and IOVDD = 2.7 V to 5.5 V, unless otherwise
noted.
STANDARD MODE
FAST MODE
PARAMETER
MIN
MAX
MIN
MAX
UNIT
fSCL
(2)
SCL clock frequency
0
100
0
400
kHz
tLOW
Low period of the SCL clock
4.7
1.3
µs
tHIGH
High period of the SCL clock
4.0
0.6
µs
tSU, STA
Set-up time for a repeated start condition
4.7
0.6
µs
Hold time (repeated) start condition. After this
tHD, STA
4.0
0.6
µs
period, the first clock pulse is generated
tSU, DAT
Data set-up time
250
100
ns
tHD, DAT
Data hold time for I2C-bus devices
0
3.45
0
0.9
µs
tSU, STO
Set-up time for stop condition
4.0
0.6
µs
tR
Rise time of both SDA and SCL signals
1000 20 + 0.1 CB
(3)
300
ns
tF
Fall time of both SDA and SCL signals
300 20 + 0.1 CB
(3)
300
ns
tBUF
Bus-free time between a stop and start condition
4.7
1.3
µs
CB
Capacitive load for each bus line
400
400
pF
tSP
Pulse duration of spike suppressed
N/A
N/A
0
50
ns
(1)
All values refer to VIHmin and VILmax levels.
(2)
An SCL operating frequency of at least 1 kHz is recommended to avoid activating the I2C timeout function. See the Timeout Function
section for details.
(3)
CB = total capacitance of one bus line in pF.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: AMC7812B


Numéro de pièce similaire - AMC7812B_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC7812B TI-AMC7812B_15 Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
More results

Description similaire - AMC7812B_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
[Old version datasheet]   12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7812B TI1-AMC7812B Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7812SPAPR TI-AMC7812SPAPR Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
TEXAS ADVANCED OPTOELEC...
AMC7812B TAOS-AMC7812B Datasheet
2Mb / 92P
   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
logo
Texas Instruments
AMC7812B TI-AMC7812B_15 Datasheet
2Mb / 92P
[Old version datasheet]   12-Bit Analog Monitoring and Control Solution with Multichannel ADC, DACs, and Temperature Sensors
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7836 TI-AMC7836_15 Datasheet
3Mb / 87P
[Old version datasheet]   AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
[Old version datasheet]   AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AFE11612-SEP TI-AFE11612-SEP Datasheet
1Mb / 11P
[Old version datasheet]   AFE11612-SEP Radiation-Tolerant, Analog Monitor and Controller With Multichannel ADC, DACs, and Temperature Sensors
DECEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com