Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3421Q0 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce LM3421Q0
Description  N-Channel Controllers for Constant Current LED Drivers
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3421Q0 Fiches technique(HTML) 3 Page - Texas Instruments

  LM3421Q0 Datasheet HTML 1Page - Texas Instruments LM3421Q0 Datasheet HTML 2Page - Texas Instruments LM3421Q0 Datasheet HTML 3Page - Texas Instruments LM3421Q0 Datasheet HTML 4Page - Texas Instruments LM3421Q0 Datasheet HTML 5Page - Texas Instruments LM3421Q0 Datasheet HTML 6Page - Texas Instruments LM3421Q0 Datasheet HTML 7Page - Texas Instruments LM3421Q0 Datasheet HTML 8Page - Texas Instruments LM3421Q0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 65 page
background image
LM3421, LM3421-Q1
LM3423, LM3423-Q1
www.ti.com
SNVS574D – JULY 2008 – REVISED SEPTEMBER 2011
PIN DESCRIPTIONS (continued)
LM3423
LM3421
Name
Description
Function
Connect a PWM signal for dimming as detailed in the PWM
Dimming Input /
DIMMING section and/or a resistor divider from VIN to program input
8
8
nDIM
Under-Voltage Protection
under-voltage lockout (UVLO). Turn-on threshold is 1.24V and
hysteresis for turn-off is provided by 23 µA current source.
Connect to pull-up resistor from VIN and N-channel MosFET open
9
-
FLT
Fault Flag
drain output is high when a fault condition is latched by the timer.
Connect a capacitor to AGND to set the time delay before a sensed
10
-
TIMR
Fault Timer
fault condition is latched.
Connect to pull-up resistor from VIN and N-channel MosFET open
11
-
LRDY
LED Ready Flag
drain output pulls down when the LED current is not in regulation.
Connect to AGND if dimming with a series P-channel MosFET or
12
-
DPOL
Dim Polarity
leave open when dimming with series N-channel MosFET.
13
9
DDRV
Dim Gate Drive Output
Connect to the gate of the dimming MosFET.
Connect to AGND through the DAP copper pad to provide ground
14
10
PGND
Power Ground
return for GATE and DDRV.
15
11
GATE
Main Gate Drive Output
Connect to the gate of the main switching MosFET.
16
12
VCC
Internal Regulator Output
Bypass with 2.2 µF–3.3 µF ceramic capacitor to PGND.
Connect to the drain of the main N-channel MosFET switch for RDS-
17
13
IS
Main Switch Current Sense
ON sensing or to a sense resistor installed in the source of the same
device.
Connect the low side of all external resistor dividers (VIN UVLO, OVP)
18
14
RPD
Resistor Pull Down
to implement “zero-current” shutdown.
Connect through a series resistor to the positive side of the LED
19
15
HSP
LED Current Sense Positive
current sense resistor.
Connect through a series resistor to the negative side of the LED
20
16
HSN
LED Current Sense Negative
current sense resistor.
Star ground, connecting AGND and PGND. For thermal
DAP (21)
DAP (17)
DAP
Thermal PAD on bottom of IC
considerations please refer to (1).
(1)
Junction-to-ambient thermal resistance is highly board-layout dependent. The numbers listed in the table are given for an reference
layout wherein the 16L TSSOP package has its EP pad populated with 9 vias and the 20L TSSOP has its EP pad populated with 12
vias. In applications where high maximum power dissipation exists, namely driving a large MosFET at high switching frequency from a
high input voltage, special care must be paid to thermal dissipation issues during board design. In high-power dissipation applications,
the maximum ambient temperature may have to be derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum
operating junction temperature (TJ-MAX-OP = 125°C for Q1, or 150°C for Q0), the maximum power dissipation of the device in the
application (PD-MAX), and the junction-to ambient thermal resistance of the package in the application (θJA), as given by the following
equation: TA-MAX = TJ-MAX-OP – (θJA × PD-MAX). In most applications there is little need for the full power dissipation capability of this
advanced package. Under these circumstances, no vias would be required and the thermal resistances would be 104 °C/W for the 16L
TSSOP and 86.7 °C/W for the 20L TSSOP. It is possible to conservatively interpolate between the full via count thermal resistance and
the no via count thermal resistance with a straight line to get a thermal resistance for any number of vias in between these two limits.
Copyright © 2008–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3421 LM3421-Q1 LM3423 LM3423-Q1


Numéro de pièce similaire - LM3421Q0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3421Q0 NSC-LM3421Q0 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3421Q0MH NSC-LM3421Q0MH Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3421Q0MH/NOPB TI1-LM3421Q0MH/NOPB Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
logo
National Semiconductor ...
LM3421Q0MHX NSC-LM3421Q0MHX Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3421Q0MHX/NOPB TI1-LM3421Q0MHX/NOPB Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
More results

Description similaire - LM3421Q0

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3421 NSC-LM3421_10 Datasheet
1Mb / 48P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421 Datasheet
881Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
LM3421 NSC-LM3421_09 Datasheet
906Kb / 24P
   N-Channel Controllers for Constant Current LED Drivers
logo
Texas Instruments
LM3421 TI1-LM3421 Datasheet
2Mb / 72P
[Old version datasheet]   N-Channel Controllers for Constant-Current LED Drivers
logo
National Semiconductor ...
LM3429_0908 NSC-LM3429_0908 Datasheet
1Mb / 34P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429 Datasheet
1Mb / 62P
[Old version datasheet]   N-Channel Controller for Constant Current LED Drivers
logo
National Semiconductor ...
LM3429 NSC-LM3429 Datasheet
302Kb / 8P
   N-Channel Controller for Constant Current LED Drivers
logo
Texas Instruments
LM3429 TI1-LM3429_14 Datasheet
1Mb / 50P
[Old version datasheet]   LM3429Q1 N-Channel Controller for Constant Current LED Drivers
logo
Silicon Touch Technolog...
DD231 SITI-DD231 Datasheet
125Kb / 7P
   3-CHANNEL CONSTANT CURRENT LED DRIVERS
logo
LDT Co., Ltd
LD1016 LDT-LD1016 Datasheet
306Kb / 15P
   16-CHANNEL CONSTANT Current LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com