Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS2045B Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce TPS2045B
Description  CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2045B Fiches technique(HTML) 3 Page - Texas Instruments

  TPS2045B_14 Datasheet HTML 1Page - Texas Instruments TPS2045B_14 Datasheet HTML 2Page - Texas Instruments TPS2045B_14 Datasheet HTML 3Page - Texas Instruments TPS2045B_14 Datasheet HTML 4Page - Texas Instruments TPS2045B_14 Datasheet HTML 5Page - Texas Instruments TPS2045B_14 Datasheet HTML 6Page - Texas Instruments TPS2045B_14 Datasheet HTML 7Page - Texas Instruments TPS2045B_14 Datasheet HTML 8Page - Texas Instruments TPS2045B_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS2045B, TPS2055B
TPS2046B, TPS2047B
SLVS532C – JULY 2004 – REVISED OCTOBER 2007
MIN
MAX
UNIT
VI(IN), VI(INx)
Input voltage
2.7
5.5
V
VI(/ENx), VI(ENx)
Input voltage
0
5.5
V
IO(OUT), IO(OUTx)
Continuous output current
0
250
mA
TJ
Operating virtual junction temperature
-40
125
°C
over recommended operating junction temperature range, VI(IN) = 5.5 V, IO = 0.25 A, VI(ENx) = 0 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
MIN
TYP
MAX
UNIT
POWER SWITCH
Static drain-source on-state resistance,
VI(IN) = 5 V or 3.3 V, IO = 0.25 A
–40
°C ≤ T
J≤ 125°C
70
135
m
5-V operation and 3.3-V operation
rDS(on)
Static drain-source on-state resistance,
VI(IN) = 2.7 V,
IO = 0.25 A
–40
°C≤ T
J≤ 125°C
75
150
m
2.7-V operation(2)
VI(IN) = 5.5 V
0.6
1.5
tr
(2)
Rise time, output
VI(IN) = 2.7 V
0.4
1
CL = 1 μF,
TJ = 25°C
ms
RL = 20 Ω
VI(IN) = 5.5 V
0.05
0.5
tf
(2)
Fall time, output
VI(IN) = 2.7 V
0.05
0.5
ENABLE INPUT ENx
VIH
High-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
2
V
VIL
Low-level input voltage
2.7 V
≤ VI(IN) ≤ 5.5 V
0.8
II
Input current
VI(/ENx) = 0 V or 5.5 V
-0.5
0.5
μA
ton
(2)
Turnon time
CL = 100 μF, RL = 20 Ω
3
ms
toff
(2)
Turnoff time
CL = 100 μF, RL = 20 Ω
10
CURRENT LIMIT
VI(IN) = 5 V, OUT connected to GND, device enabled into
IOS
Short-circuit output current
0.3
0.5
0.7
A
short-circuit
SUPPLY CURRENT (TPS2045B, TPS2055B)
TJ = 25°C
0.5
1
No load on OUT, VI(/ENx) = 5.5 V
Supply current, low-level output
μA
or VI(/ENx) = 0 V
–40
°C ≤ T
J ≤ 125°C
0.5
5
TJ = 25°C
43
60
No load on OUT, VI(/ENx) = 0 V
Supply current, high-level output
μA
or VI(/ENx) = 5.5 V
–40
°C ≤ T
J ≤ 125°C
43
70
OUT connected to ground,
Leakage current
–40
°C ≤ T
J ≤ 125°C
1
μA
VI(/ENx) = 5.5 V, or VI(ENx) = 0 V
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground
(2)
TJ = 25°C
0
μA
SUPPLY CURRENT (TPS2046B)
TJ = 25°C
0.5
1
Supply current, low-level output
No load on OUT, VI(/ENx) = 5.5 V
μA
–40
°C ≤ T
J ≤ 125°C
0.5
5
TJ = 25°C
50
70
Supply current, high-level output
No load on OUT, VI(/ENx) = 0 V
μA
-40
°C ≤ T
J ≤ 125°C
50
90
OUT connected to ground,
Leakage current
-40
°C ≤ T
J ≤ 125°C
1
μA
VI(ENx) = 5.5 V
Reverse leakage current
VI(OUTx) = 5.5 V, IN = ground
(2)
TJ = 25°C
0.2
μA
(1)
Pulse-testing techniques maintain junction temperature close to ambient temperature; thermal effects must be taken into account
separately.
(2)
Not tested in production, specified by design.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS2045B TPS2055B TPS2046B TPS2047B


Numéro de pièce similaire - TPS2045B_14

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS2045 TI-TPS2045 Datasheet
406Kb / 23P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045 TI-TPS2045 Datasheet
470Kb / 25P
[Old version datasheet]   POWER DISTRIBUTION SWITCHES
TPS2045 TI-TPS2045 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045 TI1-TPS2045 Datasheet
731Kb / 25P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
More results

Description similaire - TPS2045B_14

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST2042 STMICROELECTRONICS-ST2042 Datasheet
148Kb / 8P
   CURRENT LIMITED POWER DISTRIBUTION SWITCHES
logo
Texas Instruments
TPS2062-1 TI-TPS2062-1 Datasheet
513Kb / 28P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2060 TI1-TPS2060_14 Datasheet
1Mb / 36P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B_0709 TI-TPS2041B_0709 Datasheet
1Mb / 41P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2061 TI-TPS2061_09 Datasheet
1Mb / 38P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2045A TI1-TPS2045A_16 Datasheet
1Mb / 37P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2000C TI1-TPS2000C_16 Datasheet
1Mb / 39P
[Old version datasheet]   Current Limited, Power-Distribution Switches
TPS2041B TI-TPS2041B_08 Datasheet
1Mb / 49P
[Old version datasheet]   CURRENT-LIMITED, POWER-DISTRIBUTION SWITCHES
TPS2041B-Q1 TI-TPS2041B-Q1_10 Datasheet
599Kb / 29P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2045A TI-TPS2045A Datasheet
478Kb / 31P
[Old version datasheet]   CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
STMicroelectronics
ST2054 STMICROELECTRONICS-ST2054_07 Datasheet
198Kb / 13P
   Current limited Power distribution switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com